Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58BW16F Datasheet(PDF) 57 Page - STMicroelectronics

Part # M58BW16F
Description  16 or 32 Mbit (x32, Boot Block, Burst) 3.3V supply Flash memories
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW16F Datasheet(HTML) 57 Page - STMicroelectronics

Back Button M58BW16F Datasheet HTML 53Page - STMicroelectronics M58BW16F Datasheet HTML 54Page - STMicroelectronics M58BW16F Datasheet HTML 55Page - STMicroelectronics M58BW16F Datasheet HTML 56Page - STMicroelectronics M58BW16F Datasheet HTML 57Page - STMicroelectronics M58BW16F Datasheet HTML 58Page - STMicroelectronics M58BW16F Datasheet HTML 59Page - STMicroelectronics M58BW16F Datasheet HTML 60Page - STMicroelectronics M58BW16F Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 81 page
background image
M58BW16F, M58BW32F
DC and AC parameters
57/81
Figure 17.
Synchronous Burst Read (data valid from ’n’ clock rising edge)
1.
For set up signals and timings see Synchronous Burst Read.
Figure 18.
Synchronous Burst Read - valid data ready output
1.
Valid Data Ready = Valid Low during valid clock edge
2.
V= Valid output.
3.
The internal timing of R follows DQ.
AI04408c
K
n+5
n+4
n+3
n+2
n+1
n
DQ0-DQ31
tKHQX
Q0
Q1
Q2
Q3
Q4
Q5
SETUP
Burst Read
Q0 to Q3
tKHQV
Note: n depends on Burst X-Latency
AI03649b
K
Output (1)
VV
V
V
tRLKH
R
V
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com