Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58BW16F Datasheet(PDF) 75 Page - STMicroelectronics

Part # M58BW16F
Description  16 or 32 Mbit (x32, Boot Block, Burst) 3.3V supply Flash memories
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW16F Datasheet(HTML) 75 Page - STMicroelectronics

Back Button M58BW16F Datasheet HTML 71Page - STMicroelectronics M58BW16F Datasheet HTML 72Page - STMicroelectronics M58BW16F Datasheet HTML 73Page - STMicroelectronics M58BW16F Datasheet HTML 74Page - STMicroelectronics M58BW16F Datasheet HTML 75Page - STMicroelectronics M58BW16F Datasheet HTML 76Page - STMicroelectronics M58BW16F Datasheet HTML 77Page - STMicroelectronics M58BW16F Datasheet HTML 78Page - STMicroelectronics M58BW16F Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 81 page
background image
M58BW16F, M58BW32F
Common Flash Interface (CFI)
75/81
Appendix B
Common Flash Interface (CFI)
The Common Flash Interface is a JEDEC approved, standardized data structure that can be
read from the Flash memory device. It allows a system software to query the device to
determine various electrical and timing parameters, density information and functions
supported by the memory. The system can interface easily with the device, enabling the
software to upgrade itself when necessary.
When the CFI Query Command (RCFI) is issued the device enters CFI Query mode and the
data structure is read from the memory. Table 26, Table 27, Table 28, Table 31 and Table 30
show the addresses used to retrieve the data.
Table 26.
Query structure overview
Offset
Sub-section Name
Description
00h
0020h
Manufacturer Code ST
01h
883A
8839
8838
8837
Device Code
M58BW16FT (top)
M58BW16FB (bottom)
M58BW32FT (top)
M58BW32FB (bottm)
10h
CFI Query Identification String
Command set ID and algorithm data offset
1Bh
System Interface Information
Device timing and voltage information
27h
Device Geometry Definition
Flash memory layout
P(h)(1)
1.
Offset 15h defines P which points to the Primary Algorithm Extended Query Address Table.
Primary Algorithm-specific Extended Query
Table
Additional information specific to the
Primary Algorithm (optional)
A(h)(2)
2.
Offset 19h defines A which points to the Alternate Algorithm Extended Query Address Table.
Alternate Algorithm-specific Extended Query
Table
Additional information specific to the
Alternate Algorithm (optional)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com