Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58BW16F Datasheet(PDF) 28 Page - STMicroelectronics

Part # M58BW16F
Description  16 or 32 Mbit (x32, Boot Block, Burst) 3.3V supply Flash memories
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW16F Datasheet(HTML) 28 Page - STMicroelectronics

Back Button M58BW16F Datasheet HTML 24Page - STMicroelectronics M58BW16F Datasheet HTML 25Page - STMicroelectronics M58BW16F Datasheet HTML 26Page - STMicroelectronics M58BW16F Datasheet HTML 27Page - STMicroelectronics M58BW16F Datasheet HTML 28Page - STMicroelectronics M58BW16F Datasheet HTML 29Page - STMicroelectronics M58BW16F Datasheet HTML 30Page - STMicroelectronics M58BW16F Datasheet HTML 31Page - STMicroelectronics M58BW16F Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 81 page
background image
Bus operations
M58BW16F, M58BW32F
28/81
3.2.2
Synchronous Burst Read Suspend
During a Synchronous Burst Read operation it is possible to suspend the operation, freeing
the data bus for other higher priority devices.
A valid Synchronous Burst Read operation is suspended when both Output Enable and
Burst Address Advance are High, VIH. The Burst Address Advance going High, VIH, stops
the burst counter and the Output Enable going High, VIH, inhibits the data outputs. The
Synchronous Burst Read operation can be resumed by setting Output Enable Low.
1.
X = Don't Care, VIL or VIH.
2.
M15 = 0, Bit M15 is in the Burst Configuration Register.
3.
R = Rising Edge.
3.3
Burst Configuration Register
The Burst Configuration Register is used to configure the type of bus access that the
memory will perform.
The Burst Configuration Register is set through the Command Interface and will retain its
information until it is re-configured, the device is reset, or the device goes into Reset/Power-
Down mode. The Burst Configuration Register bits are described in Table 8. They specify
the selection of the burst length, burst type, burst X and Y latencies and the Read operation.
Refer to Figure 4 for examples of synchronous burst configurations.
3.3.1
Read Select Bit (M15)
The Read Select bit, M15, is used to switch between asynchronous and synchronous Bus
Read operations. When the Read Select bit is set to ’1’, Bus Read operations are
asynchronous; when the Read Select but is set to ’0’, Bus Read operations are
synchronous.
On reset or power-up the Read Select bit is set to’1’ for asynchronous accesses.
3.3.2
Standby Disable Bit (M14)
The Standby Disable Bit, M14, is used to disable the Standby mode. When the Standby bit
is ‘1’, the device will not enter Standby mode when Chip Enable goes High, VIH.
Table 7.
Synchronous Burst Read bus operations
Bus Operation
Step
E
G
GD
RP
KL
B
A0-Amax
DQ0-DQ31
Synchronous
Burst Read(2)
Address Latch
VIL
VIH
XVIH
R(3)
VIL
X
Address Input
Read
VIL
VIL
VIH
VIH
R(3)
VIH
VIL
Data Output
Read Suspend
VIL
VIH
XVIH
XVIH
VIH
High Z
Read Resume
VIL
VIL
VIH
VIH
R(3)
VIH
VIL
Data Output
Burst Address
Advance
VIL
VIH
XVIH
R(3)
VIH
VIL
High Z
Read Abort, E
VIH
XX
VIH
XXX
High Z
Read Abort, RP
XX
X
VIL
XXX
High Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com