Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI7C8150ANDE Datasheet(PDF) 67 Page - Pericom Semiconductor Corporation

Part # PI7C8150ANDE
Description  2-PORT PCI-to-PCI BRIDGE
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150ANDE Datasheet(HTML) 67 Page - Pericom Semiconductor Corporation

Back Button PI7C8150ANDE Datasheet HTML 63Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 64Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 65Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 66Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 67Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 68Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 69Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 70Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 71Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 111 page
background image
PI7C8150A
2-PORT PCI-TO-PCI BRIDGE
The secondary bus request and grant signals are connected internally to the arbiter and are
not brought out to external pins when S_CFN_L is HIGH.
Figure 8-1
Secondary Arbiter Example
The secondary arbiter supports a 2-sets programmable 2-level rotating algorithm with each
set taking care of 9 requests / grants. Each set of masters can be assigned to a high priority
group and a low priority group. The low priority group as a whole represents one entry in
the high priority group; that is, if the high priority group consists of n masters, then in at
least every n+1 transactions the highest priority is assigned to the low priority group.
Priority rotates evenly among the low priority group. Therefore, members of the high
priority group can be serviced n transactions out of n+1, while one member of the low
priority group is serviced once every n+1 transactions. Figure 8-1 shows an example of an
internal arbiter where four masters, including PI7C8150A, are in the high priority group,
and five masters are in the low priority group. Using this example, if all requests are always
asserted, the highest priority rotates among the masters in the following fashion (high
priority members are given in italics, low priority members, in boldface type): B, m0, m1,
m2, m3, B, m0, m1, m2, m4, B, m0, m1, m2, m5, B, m0, m1, m2, m6, B, m0, m1, m2, m7
and so on.
Each bus master, including PI7C8150A, can be configured to be in either the low priority
group or the high priority group by setting the corresponding priority bit in the arbiter-
control register. The arbiter-control register is located at offset 40h. Each master has a
corresponding bit. If the bit is set to 1, the master is assigned to the high priority group. If
the bit is set to 0, the master is assigned to the low priority group. If all the masters are
assigned to one group, the algorithm defaults to a straight rotating priority among all the
masters. After reset, all external masters are assigned to the low priority group, and
PI7C8150A is assigned to the high priority group. PI7C8150A receives highest priority on
the target bus every other transaction and priority rotates evenly among the other masters.
Priorities are re-evaluated every time S_FRAME_L is asserted at the start of each new
transaction on the secondary PCI bus. From this point until the time that the next
transaction starts, the arbiter asserts the grant signal corresponding to the highest priority
request that is asserted. If a grant for a particular request is asserted, and a higher priority
request subsequently asserts, the arbiter de-asserts the asserted grant signal and asserts the
grant corresponding to the new higher priority request on the next PCI clock cycle. When
priorities are re-evaluated, the highest priority is assigned to the next highest priority
master relative to the master that initiated the previous transaction. The master that initiated
the last transaction now has the lowest priority in its group.
Page 67 of 111
APRIL 2006 – Revision 1.1
06-0057



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com