Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI7C8150ANDE Datasheet(PDF) 95 Page - Pericom Semiconductor Corporation

Part # PI7C8150ANDE
Description  2-PORT PCI-to-PCI BRIDGE
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150ANDE Datasheet(HTML) 95 Page - Pericom Semiconductor Corporation

Back Button PI7C8150ANDE Datasheet HTML 91Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 92Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 93Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 94Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 95Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 96Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 97Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 98Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 99Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 111 page
background image
PI7C8150A
2-PORT PCI-TO-PCI BRIDGE
Page 95 of 111
APRIL 2006 – Revision 1.1
14.1.43
RETRY COUNTER REGISTER – OFFSET 78h
Bit
Function
Type
Description
31:0
Retry Counter
R/W
Holds the maximum number of attempts that PI7C8150A will try
before reporting retry timeout. Retry count set at 2
24 PCI clocks.
Default is 0100 0000h.
14.1.44
PRIMARY MASTER TIMEOUT COUNTER – OFFSET 80h
Bit
Function
Type
Description
15:0
Primary Timeout
R/W
Primary timeout occurs after 2
15 PCI clocks.
Reset to 8000h.
14.1.45
SECONDARY MASTER TIMEOUT COUNTER – OFFSET 80h
Bit
Function
Type
Description
31:16
Secondary
Timeout
R/W
Secondary timeout occurs after 2
15 PCI clocks.
Reset to 8000h.
14.1.46
CAPABILITY ID REGISTER – OFFSET B0h
Bit
Function
Type
Description
7:0
Capability ID
R/O
Capability ID for slot identification
00h: Reserved
01h: PCI Power Management (PCIPM)
02h: Accelerated Graphics Port (AGP)
03h: Vital Product Data (VPD)
04h: Slot Identification (SI)
05h: Message Signaled Interrupts (MSI)
06h: Compact PCI Hot Swap (CHS)
07h – 255h: Reserved
Reset to 04h
14.1.47
NEXT POINTER REGISTER – OFFSET B0h
Bit
Function
Type
Description
15:8
Next Pointer
R/O
Reset to 0000 0000: next pointer (00h if MS0=0 and MS1=1, or
MS0=1)
06-0057



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com