Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI7C8150ANDE Datasheet(PDF) 101 Page - Pericom Semiconductor Corporation

Part # PI7C8150ANDE
Description  2-PORT PCI-to-PCI BRIDGE
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150ANDE Datasheet(HTML) 101 Page - Pericom Semiconductor Corporation

Back Button PI7C8150ANDE Datasheet HTML 97Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 98Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 99Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 100Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 101Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 102Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 103Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 104Page - Pericom Semiconductor Corporation PI7C8150ANDE Datasheet HTML 105Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 111 page
background image
PI7C8150A
2-PORT PCI-TO-PCI BRIDGE
Page 101 of 111
APRIL 2006 – Revision 1.1
The instruction determines the test to be performed, the test data register to be accessed, or
both. The IR is two bits wide. When the IR is selected, the most significant bit is connected
to TDI, and the least significant bit is connected to TDO. The value presented on the TDI
pin is shifted into the IR on each rising edge of TCK. The TAP controller captures fixed
parallel data (1101 binary). When a new instruction is shifted in through TDI, the value
1101(binary) is always shifted out through TDO, least significant bit first. This helps
identify instructions in a long chain of serial data from several devices.
Upon activation of the TRST_L reset pin, the latched instruction asynchronously changes
to the id code instruction. When the TAP controller moves into the test state other than by
reset activation, the opcode changes as TDI shifts, and becomes active on the falling edge
of TCK.
16.2
BOUNDARY SCAN INSTRUCTION SET
The PI7C8150A supports three mandatory boundary-scan instructions (BYPASS,
SAMPLE and EXTEST). The table shown below lists the PI7C8150A’s boundary-scan
instruction codes.
Table 16-1. TAP Pins
Instruction
/
Requisite
Opcode (binary)
Description
EXTEST
IEEE 1149.1
Required
00000
EXTEST initiates testing of external circuitry, typically board-
level interconnects and off chip circuitry. EXTEST connects the
boundary-scan register between TDI and TDO. When EXTEST
is selected, all output signal pin values are driven by values
shifted into the boundary-scan register and may change only of
the falling edge of TCK. Also, when EXTEST is selected, all
system input pin states must be loaded into the boundary-scan
register on the rising-edge of TCK.
SAMPLE
IEEE 1149.1
Required
0001
SAMPLE performs two functions:
A snapshot of the sample instruction is captured on the
rising edge of TCK without interfering with normal
operation. The instruction causes boundary-scan register
cells associated with outputs to sample the value being
driven.
On the falling edge of TCK, the data held in the boundary-
scan cells is transferred to the slave register cells.
Typically, the slave latched data is applied to the system
outputs via the EXTEST instruction.
INTSCAN
00010
Enable internal SCAN test
CLAMP
00100
CLAMP instruction allows the state of the signals driven from
component pins to be determined from the boundary-scan
register while the bypass register is selected as the serial path
between TDI and TDO. The signal driven from the component
pins will not change while the CLAMP instruction is selected.
BYPASS
11111
BYPASS instruction selects the one-bit bypass register between
TDI and TDO pins. 0 (binary) is the only instruction that
accesses the bypass register. While this instruction is in effect,
all other test data registers have no effect on system operation.
Test data registers with both test and system functionality
performs their system functions when this instruction is selected.
06-0057



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com