Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD78F0949 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # UPD78F0949
Description  PRELIMINARY PRODUCT INFORMATION
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78F0949 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button UPD78F0949 Datasheet HTML 18Page - Renesas Technology Corp UPD78F0949 Datasheet HTML 19Page - Renesas Technology Corp UPD78F0949 Datasheet HTML 20Page - Renesas Technology Corp UPD78F0949 Datasheet HTML 21Page - Renesas Technology Corp UPD78F0949 Datasheet HTML 22Page - Renesas Technology Corp UPD78F0949 Datasheet HTML 23Page - Renesas Technology Corp UPD78F0949 Datasheet HTML 24Page - Renesas Technology Corp UPD78F0949 Datasheet HTML 25Page - Renesas Technology Corp UPD78F0949 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 72 page
background image
22
µPD78F0949
Port Name
Pin Name
Function
Port 0
P00 to P07
Port 1
P10 to P17
Port 2
P20 to P26
Port 3
P30 to P34
Port 4
P40 to P47
Port 5
P50 to P57
Port 6
P64, P65, P67
Port 7
P70 to P77
Port 12
P120 to P127
Port 13
P130 to P137
6. Peripheral Hardware Function
6.1 Ports
Input/output ports are classified into three types.
• CMOS input/output (Port 0, Port 2 to 5, P64, P65, P67, Port 7,
Port 8, Port 12, Port 13, Port 14)
: 71
• Input (P10 to P17)
:
8
Total
: 79
Input/output port. Input/output can be specified bit-wise.
On-chip pull-up resistor can be set bit-wise by software.
Input port.
Port 14
P140 to P147
Input/output port. Input/output can be specified bit-wise.
On-chip pull-up resistor can be set bit-wise by software to an open drain structure.
Input/output port. Input/output can be specified bit-wise.
Input/output port. Input/output can be specified bit-wise.
On-chip pull-up resistor can be set bit-wise by software..
Input/output port. Input/output can be specified bit-wise.
Input/output port. Input/output can be specified bit-wise.
On-chip pull-up resistor can be set bit-wise by software.
When used as an output port, port function can be specified by software.
Input/output port. Input/output can be specified bit-wise.
When used as an output port, port function can be specified by software.
Input/output port. Input/output can be specified bit-wise.
When used as an output port, port function can be specified by software.
Input/output port. Input/output can be specified bit-wise.
On-chip pull-up resistor can be set bit-wise by software.
When used as an output port, port function can be specified by software.
Input/output port. Input/output can be specified bit-wise.
Table 6-1: Functions of Ports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com