Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD78F0949 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # UPD78F0949
Description  PRELIMINARY PRODUCT INFORMATION
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78F0949 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button UPD78F0949 Datasheet HTML 20Page - Renesas Technology Corp UPD78F0949 Datasheet HTML 21Page - Renesas Technology Corp UPD78F0949 Datasheet HTML 22Page - Renesas Technology Corp UPD78F0949 Datasheet HTML 23Page - Renesas Technology Corp UPD78F0949 Datasheet HTML 24Page - Renesas Technology Corp UPD78F0949 Datasheet HTML 25Page - Renesas Technology Corp UPD78F0949 Datasheet HTML 26Page - Renesas Technology Corp UPD78F0949 Datasheet HTML 27Page - Renesas Technology Corp UPD78F0949 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 72 page
background image
24
µPD78F0949
6.4 Subsystem Clock Oscillator
Subsystem clock oscillator is for RC oscillation with very low frequency.
6.5 Timer/Event Counter
There are the following six timer/event counter channels:
• 16-bit timer/event counter
: 2 channels
• 8-bit timer/event counter
: 2 channels
• Watch timer
: 1 channel
• Watchdog timer
: 1 channel
16-bit Timer/Event 8-bit Timer/Event
Watch
Watchdog
16-bit
Counter
Counter
Timer
Timer
Timer
Type
Interval timer
2 channels
2 channels
1 channel
1 channel 1 channel
External event counter
1 channel
2 channels
Timer output
1 output
2 outputs
PWM output
1 output
2 outputs
Pulse with measurement
2 inputs
3 inputs
Function
Square wave output
1 output
2 outputs
One-shot pulse output
1 output
Interrupt request
2
2
2
1
4
Test input
1
3
Figure 6-3: Oscillator Circuit
Table 6-2: T ypes and Functions of Timer/Event Counters
CL1
CL2
R
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com