Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD78F0949 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # UPD78F0949
Description  PRELIMINARY PRODUCT INFORMATION
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78F0949 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button UPD78F0949 Datasheet HTML 19Page - Renesas Technology Corp UPD78F0949 Datasheet HTML 20Page - Renesas Technology Corp UPD78F0949 Datasheet HTML 21Page - Renesas Technology Corp UPD78F0949 Datasheet HTML 22Page - Renesas Technology Corp UPD78F0949 Datasheet HTML 23Page - Renesas Technology Corp UPD78F0949 Datasheet HTML 24Page - Renesas Technology Corp UPD78F0949 Datasheet HTML 25Page - Renesas Technology Corp UPD78F0949 Datasheet HTML 26Page - Renesas Technology Corp UPD78F0949 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 72 page
background image
23
µPD78F0949
6.2 Clock Generator
There are two kinds of clock generators: main system and subsystem clock generators.
It is possible to change the instruction execution time.
• 0.25 µs/0.5 µs/1 µs/2 µs/4 µs (at main system clock frequency of 8.0 MHz)
• 122 µs (at subsystem clock frequency of 32.768 kHz)
6.3 Main system clock oscillator
The main system clock oscillator oscillates with a crystal or a ceramic resonator connected to the
X1 and X2 pins.
Figure 6-2: Oscillator Circuit
Figure 6-1: Clock Generator Block Diagram
(a) Crystal and ceramic oscillation
(b) External clock
f X
f X
f X
2
f X
3
2
f X
4
2
f XT
2
CPU Clock (fCPU)
Prescaler
22
Standby
Control
Circuit
2
1
Prescaler
Clock to peripheral
hardware
Watch Timer
Main System
Clock
Oscillator
Subsystem
Clock
Oscillator
f X
f XT
STOP
CL1
CL2
X1
X2
Crystal
resonator
or ceramic
resonator
External
Clock
IC
X2
X1
X1
X2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com