Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD3753 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPD3753
Description  MOS INTEGRATED CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD3753 Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPD3753 Datasheet HTML 1Page - Renesas Technology Corp UPD3753 Datasheet HTML 2Page - Renesas Technology Corp UPD3753 Datasheet HTML 3Page - Renesas Technology Corp UPD3753 Datasheet HTML 4Page - Renesas Technology Corp UPD3753 Datasheet HTML 5Page - Renesas Technology Corp UPD3753 Datasheet HTML 6Page - Renesas Technology Corp UPD3753 Datasheet HTML 7Page - Renesas Technology Corp UPD3753 Datasheet HTML 8Page - Renesas Technology Corp UPD3753 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
MOS INTEGRATED CIRCUIT
µ PD3753
2088 PIXELS CCD LINEAR IMAGE SENSOR WITH PERIPHERAL CIRCUIT
DATA SHEET
Document No. S16546EJ2V0DS00 (2nd edition)
Date Published February 2006 NS CP (N)
Printed in Japan
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
1994
DESCRIPTION
The
µ PD3753 is a 2088-pixel high sensitivity CCD (Charge Coupled Device) linear image sensor which changes
optical images to electrical signal.
The
µ PD3753 consists of 2088-pixels photocell array and a line of 2088-pixel CCD charge transferred register. It
contains a reset a feed-through level clamp circuit, a reset pulse generator, a clamp pulse generator, and a voltage
amplifier to provide high sensitivity and low noise. It also supports low power consumption with single 5 V power
supply.
The
µ PD3753 can be driven by power supply and three input clocks owing to the on-chip reset pulse
generator and a clamp pulse generator.
FEATURES
• Valid photocell
: 2088 pixels
• Photocell pitch
: 14
µ m
• Peak response wavelength : 550 nm (green)
• Resolution
: 8 dot/mm B4 (257
× 364 mm) size (shorter side)
• High response sensitivity
• Low noise
• Drive clock level
: CMOS output under +5 V operation
• Data rate
: 2 MHz Max.
• Power supply
: +5 V
• On-chip circuits
: Reset feed-through level clamp circuit
Reset pulse generator
Clamp pulse generator
Voltage amplifier
ORDERING INFORMATION
Part Number
Package
µ PD3753CY-A
CCD linear image sensor 22-pin plastic DIP (10.16 mm (400))
Remark
The
µ PD3753CY-A is a lead-free product.
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com