Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD3753 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # UPD3753
Description  MOS INTEGRATED CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD3753 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button UPD3753 Datasheet HTML 3Page - Renesas Technology Corp UPD3753 Datasheet HTML 4Page - Renesas Technology Corp UPD3753 Datasheet HTML 5Page - Renesas Technology Corp UPD3753 Datasheet HTML 6Page - Renesas Technology Corp UPD3753 Datasheet HTML 7Page - Renesas Technology Corp UPD3753 Datasheet HTML 8Page - Renesas Technology Corp UPD3753 Datasheet HTML 9Page - Renesas Technology Corp UPD3753 Datasheet HTML 10Page - Renesas Technology Corp UPD3753 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Data Sheet S16546EJ2V0DS
5
µ PD3753
ELECTRICAL CHARACTERISTICS
TA =
+25°C, VOD = 5 V, fφ 1 = 1 MHz, data rate = 1 MHz, storage time = 10 ms, input signal clock = 5 Vp-p,
light source : 3200 K halogen lamp
+ C500 (infrared cut filter)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Saturation voltage
Vsat
1.0
1.2
−
V
Saturation exposure
SE
Daylight color fluorescent lamp
−
0.013
−
lx•s
Photo response non-uniformity
PRNU
VOUT = 500 mV
−
±2
±8
%
Average dark signal
ADS
Light shielding
−
1.0
8.0
mV
Dark signal non-uniformity
DSNU
Light shielding
−8
±4
+8
mV
Power consumption
PW
−
30
50
mW
Output impedance
ZO
−
0.5
1
k
Ω
Response
RF
Daylight color fluorescent lamp
63
90
117
V/lx•s
Response peak
−
550
−
nm
Image lag
IL
VOUT = 1.0 V
−
7
14
%
Offset level
Note
VOS
2.5
3.0
3.5
V
Output fall delay time
Note
td
VOUT = 500 mV, t1, t2 = 50 ns
−
130
−
ns
Total transfer efficiency
TTE
VOUT = 1.0 V, data rate = 2 MHz
92
98
−
%
Dynamic range
DR
Vsat/DSNU
−
375
−
times
Reset feed-through noise
Note
RFTN
Light shielding
0
800
1500
mV
Bit noise
BN
Light shielding
−
10
−
mVp-p
Resolution
MTF
Modulation transfer function at
−
65
−
%
nyquist frequency
Note Refer to TIMING CHART 2.
Remark When VOD = 4.7 V, the response typically decreases to 90% of the value under 5 V operation.
INPUT PIN CAPACITANCE (TA =
+25°C, VOD = 5 V)
Parameter
Symbol
Pin name
Pin No.
Min.
Typ.
Max.
Unit
Shift register clock pin capacitance 1
Cφ 1
φ 1
14
−
300
−
pF
Shift register clock pin capacitance 2
Cφ 2
φ 2
15
−
300
−
pF
Transfer gate clock pin capacitance
Cφ TG
φ TG
9
−
100
−
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com