Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FSB50760BSFS Datasheet(PDF) 4 Page - ON Semiconductor

Part # FSB50760BSFS
Description  600 V RDS(ON) = 830 m (Max) SuperFET MOSFET 3−Phase Inverter with Gate Drivers and Protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSB50760BSFS Datasheet(HTML) 4 Page - ON Semiconductor

  FSB50760BSFS Datasheet HTML 1Page - ON Semiconductor FSB50760BSFS Datasheet HTML 2Page - ON Semiconductor FSB50760BSFS Datasheet HTML 3Page - ON Semiconductor FSB50760BSFS Datasheet HTML 4Page - ON Semiconductor FSB50760BSFS Datasheet HTML 5Page - ON Semiconductor FSB50760BSFS Datasheet HTML 6Page - ON Semiconductor FSB50760BSFS Datasheet HTML 7Page - ON Semiconductor FSB50760BSFS Datasheet HTML 8Page - ON Semiconductor FSB50760BSFS Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
FSB50760BSF / FSB50760BSFS
www.onsemi.com
4
COM
VCC
LIN
HIN
VB
HO
VS
LO
COM
VCC
LIN
HIN
VB
HO
VS
LO
COM
VCC
LIN
HIN
VB
HO
VS
LO
VTS
Figure 1. Pin Configuration and Internal Block Diagram (Bottom View)
4. Source Terminal of Each Low−Side MOSFET is Not Connected to Supply Ground or Bias Voltage Ground Inside Motion
SPM 5 product. External Connections Should be Made as Indicated in Figure 3.
(1) COM
(2) VB(U)
(3) VCC(U)
(4) IN(UH)
(5) IN(UL)
(7) VB(V)
(6) N.C
(11) VTS
(8) VCC(V)
(9) IN(VH)
(10) IN(VL)
(12) VB(W)
(13) VCC(W)
(14) IN(WH)
(15) IN(WL)
(16) N.C
(17) P
(18) U, VS(U)
(19) NU
(20) NV
(21) V, VS(V)
(22) NW
(23) W, VS(W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com