Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FSB50760BSFS Datasheet(PDF) 8 Page - ON Semiconductor

Part # FSB50760BSFS
Description  600 V RDS(ON) = 830 m (Max) SuperFET MOSFET 3−Phase Inverter with Gate Drivers and Protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSB50760BSFS Datasheet(HTML) 8 Page - ON Semiconductor

Back Button FSB50760BSFS Datasheet HTML 4Page - ON Semiconductor FSB50760BSFS Datasheet HTML 5Page - ON Semiconductor FSB50760BSFS Datasheet HTML 6Page - ON Semiconductor FSB50760BSFS Datasheet HTML 7Page - ON Semiconductor FSB50760BSFS Datasheet HTML 8Page - ON Semiconductor FSB50760BSFS Datasheet HTML 9Page - ON Semiconductor FSB50760BSFS Datasheet HTML 10Page - ON Semiconductor FSB50760BSFS Datasheet HTML 11Page - ON Semiconductor FSB50760BSFS Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
FSB50760BSF / FSB50760BSFS
www.onsemi.com
8
100% of ID
120% of ID
(a) Turn−on
(b) Turn−off
Figure 6. Switching Time Definitions
COM
VCC
LIN
HIN
VB
HO
VS
LO
L
+
−
VTS
One Leg Diagram of SPM
Figure 7. Switching and RBSOA (Single−Pulse) Test Circuit (Low−side)
VCC
CBS
ID
VDS
VDC
VIN
VDS
ID
tON
Irr
trr
VIN
ID
VDS
tOFF
10% of ID
UVCCD
UVCCR
Input Signal
UV Protection
Status
Low−side Supply, VCC
MOSFET Current
RESET
DETECTION
RESET
Figure 8. Under−Voltage Protection (Low−Side)
UVBSD
UVBSR
Input Signal
UV Protection
Status
High−side Supply, VBS
MOSFET Current
RESET
DETECTION
RESET
Figure 9. Under−Voltage Protection (High−Side)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com