Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FSB50760BSFS Datasheet(PDF) 1 Page - ON Semiconductor

Part # FSB50760BSFS
Description  600 V RDS(ON) = 830 m (Max) SuperFET MOSFET 3−Phase Inverter with Gate Drivers and Protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSB50760BSFS Datasheet(HTML) 1 Page - ON Semiconductor

  FSB50760BSFS Datasheet HTML 1Page - ON Semiconductor FSB50760BSFS Datasheet HTML 2Page - ON Semiconductor FSB50760BSFS Datasheet HTML 3Page - ON Semiconductor FSB50760BSFS Datasheet HTML 4Page - ON Semiconductor FSB50760BSFS Datasheet HTML 5Page - ON Semiconductor FSB50760BSFS Datasheet HTML 6Page - ON Semiconductor FSB50760BSFS Datasheet HTML 7Page - ON Semiconductor FSB50760BSFS Datasheet HTML 8Page - ON Semiconductor FSB50760BSFS Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2019
April, 2019 − Rev. 2
1
Publication Order Number:
FSB50760BSF/D
FSB50760BSF /
FSB50760BSFS
Motion SPM) 5 SUPERFET)
Series
General Description
The FSB50760BSF / FSB50760BSFS is an advanced Motion
SPM 5 module providing a fully−featured, high−performance inverter
output stage for AC Induction, BLDC and PMSM motors such as
refrigerators, fans and pumps. These modules integrate optimized gate
drive of the built−in MOSFETs (SuperFET technology) to minimize
EMI and losses, while also providing multiple on−module protection
features including under−voltage lockouts and thermal monitoring.
The built−in high−speed HVIC requires only a single supply voltage
and translates the incoming logic−level gate inputs to the
high−voltage, high−current drive signals required to properly drive the
module’s internal MOSFETs. Separate open−source MOSFET
terminals are available for each phase to support the widest variety of
control algorithms.
Features
• UL Certified No. E209204 (UL1557)
• 600 V RDS(ON) = 830 mW (Max) SuperFET MOSFET 3−Phase
Inverter with Gate Drivers and Protection
• Built−In Bootstrap Diodes Simplify PCB Layout
• Separate Open−Source Pins from Low−Side MOSFETs for
Three−Phase Current−Sensing
• Active−HIGH Interface, Works with 3.3 / 5 V Logic, Schmitt−trigger
Input
• Optimized for Low Electromagnetic Interference
• HVIC Temperature−Sensing Built−In for Temperature Monitoring
• HVIC for Gate Driving and Under−Voltage Protection
• Isolation Rating: 1500 Vrms / min.
• Moisture Senstive Level (MSL) 3
• These Devices are Pb−Free and are RoHS Compliant
Applications
• 3−Phase Inverter Driver for Small Power AC Motor Drives
Related Source
• RD−402: Reference Design for Motion SPM 5 Super− FET Series
• AN−9082 − Motion SPM5 Series Thermal Performance by Contact
Pressure
• AN−9082: User’s Guide for Motion SPM 5 Series V2
SPM5E−023 / 23LD, PDD STD
CASE MODEJ
See detailed ordering and shipping information on page 2 of
this data sheet.
ORDERING INFORMATION
www.onsemi.com
$Y
= ON Semiconductor Logo
&Z
= Assembly Plant Code
&3
= Data Code (Year & Week)
&K
= Lot
FSB50760X
= Specific Device Code
⇒ X = SF or SFS
MARKING DIAGRAM
$Y
FSB50760BX
&Z&K&E&E&E&3
SPM5H−023 / 23LD, PDD STD,
SPM23−BD
CASE MODEM


Similar Part No. - FSB50760BSFS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSB50760SF FAIRCHILD-FSB50760SF Datasheet
866Kb / 11P
Motion SPMR 5 SuperFETR Series
FSB50760SF FAIRCHILD-FSB50760SF Datasheet
4Mb / 28P
Motion SPM 5 Series Version 2 User?셲 Guide
logo
ON Semiconductor
FSB50760SF ONSEMI-FSB50760SF Datasheet
762Kb / 13P
Motion SPM 5 SuperFET Series
April 2014 Rev. C6
logo
Fairchild Semiconductor
FSB50760SFS FAIRCHILD-FSB50760SFS Datasheet
745Kb / 10P
Motion SPMR 5 SuperFETR Series
logo
ON Semiconductor
FSB50760SFS ONSEMI-FSB50760SFS Datasheet
734Kb / 12P
Motion SPM 5 SuperFET Series
Aug 2015 Rev. 1.1
More results

Similar Description - FSB50760BSFS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRSM505-065 IRF-IRSM505-065_15 Datasheet
820Kb / 15P
500V 3-phase inverter including high voltage gate drivers
IRSM505-084 IRF-IRSM505-084_15 Datasheet
829Kb / 15P
250V 3-phase inverter including high voltage gate drivers
logo
Infineon Technologies A...
IM231-L6S1B INFINEON-IM231-L6S1B Datasheet
1Mb / 24P
600V 3-phase inverter including gate drivers
Revision 2.1 2019-07-15
IM231-M6S1B INFINEON-IM231-M6S1B Datasheet
1Mb / 24P
600V 3-phase inverter including gate drivers
Revision 2.1 2019-07-15
IM240 INFINEON-IM240 Datasheet
833Kb / 27P
600V three-phase inverter including gate drivers
Revision 2.2 2020-07-08
logo
ON Semiconductor
NVB055N60S5F ONSEMI-NVB055N60S5F Datasheet
258Kb / 7P
MOSFET - N-Channel SuperFET V, FRFET 600 V, 55 m, 45 A
April, 2022-Rev. 0
FCPF190N60-F154 ONSEMI-FCPF190N60-F154 Datasheet
160Kb / 9P
MOSFET – N-Channel, SUPERFET II 600 V, 20.2 A, 199 m
August, 2021 - Rev. 1
FCPF380N60-F154 ONSEMI-FCPF380N60-F154 Datasheet
253Kb / 10P
MOSFET – N-Channel, SUPERFET II 600 V, 10.2 A, 380 m
December, 2020 - Rev. 0
FCPF380N60E-F154 ONSEMI-FCPF380N60E-F154 Datasheet
263Kb / 10P
MOSFET – N-Channel, SUPERFET II 600 V, 10.2 A, 380 m
December, 2020 - Rev. 0
FCPF600N60ZL1-F154 ONSEMI-FCPF600N60ZL1-F154 Datasheet
294Kb / 10P
MOSFET – N-Channel, SUPERFET II 600 V, 7.4 A, 600 m
December, 2020 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com