Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NAND01G-B2B Datasheet(PDF) 34 Page - STMicroelectronics

Part # NAND01G-B2B
Description  1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND01G-B2B Datasheet(HTML) 34 Page - STMicroelectronics

Back Button NAND01G-B2B Datasheet HTML 30Page - STMicroelectronics NAND01G-B2B Datasheet HTML 31Page - STMicroelectronics NAND01G-B2B Datasheet HTML 32Page - STMicroelectronics NAND01G-B2B Datasheet HTML 33Page - STMicroelectronics NAND01G-B2B Datasheet HTML 34Page - STMicroelectronics NAND01G-B2B Datasheet HTML 35Page - STMicroelectronics NAND01G-B2B Datasheet HTML 36Page - STMicroelectronics NAND01G-B2B Datasheet HTML 37Page - STMicroelectronics NAND01G-B2B Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 62 page
background image
Device operations
NAND01G-B2B, NAND02G-B2C
34/62
Table 16.
Electronic Signature Byte/Word 4
I/O
Definition
Value
Description
I/O1-I/O0
Page Size
(Without Spare Area)
0 0
0 1
1 0
1 1
1KBytes
2KBytes
Reserved
Reserved
I/O2
Spare Area Size
(Byte / 512 Byte)
0
1
8
16
I/O7, I/O3
Minimum sequential
access time
0 0
0 1
1 0
1 1
50ns
30ns
25ns
Reserved
I/O5-I/O4
Block Size
(Without Spare Area)
0 0
0 1
1 0
1 1
64KBytes
128KBytes
256KBytes
Reserved
I/O6
Organization
0
1
X8
X16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com