Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NAND01G-B2B Datasheet(PDF) 41 Page - STMicroelectronics

Part # NAND01G-B2B
Description  1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND01G-B2B Datasheet(HTML) 41 Page - STMicroelectronics

Back Button NAND01G-B2B Datasheet HTML 37Page - STMicroelectronics NAND01G-B2B Datasheet HTML 38Page - STMicroelectronics NAND01G-B2B Datasheet HTML 39Page - STMicroelectronics NAND01G-B2B Datasheet HTML 40Page - STMicroelectronics NAND01G-B2B Datasheet HTML 41Page - STMicroelectronics NAND01G-B2B Datasheet HTML 42Page - STMicroelectronics NAND01G-B2B Datasheet HTML 43Page - STMicroelectronics NAND01G-B2B Datasheet HTML 44Page - STMicroelectronics NAND01G-B2B Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 62 page
background image
NAND01G-B2B, NAND02G-B2C
Maximum rating
41/62
10
Maximum rating
Stressing the device above the ratings listed in Table 19: Absolute Maximum Ratings, may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the Operating sections of
this specification is not implied. Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
Program and other relevant quality documents.
Table 19.
Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
Min
Max
TBIAS
Temperature Under Bias
– 50
125
°C
TSTG
Storage Temperature
– 65
150
°C
VIO
(1)
1.
Minimum Voltage may undershoot to –2V for less than 20ns during transitions on input and I/O pins.
Maximum voltage may overshoot to VDD + 2V for less than 20ns during transitions on I/O pins.
Input or Output Voltage
1.8V devices
– 0.6
2.7
V
3 V devices
– 0.6
4.6
V
VDD
Supply Voltage
1.8V devices
– 0.6
2.7
V
3 V devices
– 0.6
4.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com