Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NAND01G-B2B Datasheet(PDF) 44 Page - STMicroelectronics

Part # NAND01G-B2B
Description  1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND01G-B2B Datasheet(HTML) 44 Page - STMicroelectronics

Back Button NAND01G-B2B Datasheet HTML 40Page - STMicroelectronics NAND01G-B2B Datasheet HTML 41Page - STMicroelectronics NAND01G-B2B Datasheet HTML 42Page - STMicroelectronics NAND01G-B2B Datasheet HTML 43Page - STMicroelectronics NAND01G-B2B Datasheet HTML 44Page - STMicroelectronics NAND01G-B2B Datasheet HTML 45Page - STMicroelectronics NAND01G-B2B Datasheet HTML 46Page - STMicroelectronics NAND01G-B2B Datasheet HTML 47Page - STMicroelectronics NAND01G-B2B Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 62 page
background image
DC And AC parameters
NAND01G-B2B, NAND02G-B2C
44/62
Table 23.
DC Characteristics, 3V Devices
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
IDD1
Operating
Current
Sequential
Read
tRLRL minimum
E=VIL, IOUT = 0 mA
-10
20
mA
IDD2
Program
-
-10
20
mA
IDD3
Erase
-
-10
20
mA
IDD4
Standby current (TTL)(1)
E=VIH, WP=0/VDD
1
mA
IDD5
Standby Current (CMOS)(1)
E=VDD-0.2,
WP=0/VDD
-
10
50
µA
ILI
Input Leakage Current(1)
VIN= 0 to VDDmax
-
-
±10
µA
ILO
Output Leakage Current(1)
VOUT= 0 to VDDmax
-
-
±10
µA
VIH
Input High Voltage
-
0.8VDD
-
VDD+0.3
V
VIL
Input Low Voltage
-
-0.3
-
0.2VDD
V
VOH
Output High Voltage Level
IOH = -400µA
2.4
-
-
V
VOL
Output Low Voltage Level
IOL = 2.1mA
-
-
0.4
V
IOL (RB)
Output Low Current (RB)
VOL = 0.4V
8
10
mA
VLKO
VDD Supply Voltage (Erase and
Program lockout)
-
-
-
1.7
V
1.
Leakage current and standby current double in stacked devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com