Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD61052GD-LML Datasheet(PDF) 70 Page - Renesas Technology Corp

Part # UPD61052GD-LML
Description  MOS INTEGRATED CIRCUIT
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD61052GD-LML Datasheet(HTML) 70 Page - Renesas Technology Corp

Back Button UPD61052GD-LML Datasheet HTML 66Page - Renesas Technology Corp UPD61052GD-LML Datasheet HTML 67Page - Renesas Technology Corp UPD61052GD-LML Datasheet HTML 68Page - Renesas Technology Corp UPD61052GD-LML Datasheet HTML 69Page - Renesas Technology Corp UPD61052GD-LML Datasheet HTML 70Page - Renesas Technology Corp UPD61052GD-LML Datasheet HTML 71Page - Renesas Technology Corp UPD61052GD-LML Datasheet HTML 72Page - Renesas Technology Corp UPD61052GD-LML Datasheet HTML 73Page - Renesas Technology Corp UPD61052GD-LML Datasheet HTML 74Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 108 page
background image
Data Sheet S15082EJ4V0DS
68
µPD61051, 61052
6.
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings (TA = 25°C)
Parameter
Symbol
Conditions
Rating
Unit
VDD3
VDD3, vs GND
4.6
V
Supply Voltage
VDD2
VDD2, vs GND
PVDD2, vs PGND
3.6
V
Input Voltage
VIN
Vs GND3
−0.5 to +4.6
V
Output Voltage
VOUT
Vs GND3
−0.5 to +4.6
V
Output Current
IOUT
20
mA
Permissible Loss
PD
2
W
Operating Ambient
Temperature
TA
0 to +70
°C
Storage Temperature
Tstg
−55 to +125
°C
Caution
If any of the parameters exceeds the absolute maximum ratings, even momentarily, the quality of
the product may be impaired.
The absolute maximum ratings are values that may physically
damage the products. Be sure to use the products within the ratings.
DC Characteristics (TA = 0 to
+70°C, VDD3 = 3.3±0.165 V, VDD2 = 2.5±0.2 V)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
VDD3
VDD3, vs GND
3.135
3.3
3.465
V
Supply voltage
VDD2
VDD2, vs GND
PVDD2, vs PGND
2.3
2.5
2.7
V
High-level input voltage
VIH
2.2
VDD3
+0.5
V
SCLK
−0.5
+0.6
V
Low-level input voltage
VIL
Except SCLK
−0.5
+0.7
V
High-level output voltage
VOH
2.4
V
Low-level output voltage
VOL
0.4
V
Input leakage current
ILI
Except MD31 to MD0 and
CMODE1
±10
µA
IDD3
3.3 V power supply
70
mA
IPDD
2.5 V PLL power supply
15
mA
Operating current
IDD2
Internal logic power supply of
2.5 V
510
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com