Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD61052GD-LML Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPD61052GD-LML
Description  MOS INTEGRATED CIRCUIT
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD61052GD-LML Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPD61052GD-LML Datasheet HTML 17Page - Renesas Technology Corp UPD61052GD-LML Datasheet HTML 18Page - Renesas Technology Corp UPD61052GD-LML Datasheet HTML 19Page - Renesas Technology Corp UPD61052GD-LML Datasheet HTML 20Page - Renesas Technology Corp UPD61052GD-LML Datasheet HTML 21Page - Renesas Technology Corp UPD61052GD-LML Datasheet HTML 22Page - Renesas Technology Corp UPD61052GD-LML Datasheet HTML 23Page - Renesas Technology Corp UPD61052GD-LML Datasheet HTML 24Page - Renesas Technology Corp UPD61052GD-LML Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 108 page
background image
Data Sheet S15082EJ4V0DS
19
µPD61051, 61052
2.2
Audio
This LSI encodes the MPEG audio encoding and transcode with the internal DSP.
2.2.1
Encoding
It encodes MPEG1 audio layer 2 or Dolby Digital Consumer Encoder (only the
µPD61052). In addition, it is
possible to bypass internal audio encode DSP, when the audio elementary stream is encoded by an external audio
encoder are inputted.
2.2.2
Transcoding (DEMUX, MUX)
It is possible to multiplex two de-multiplexed audio streams. It analyzes MPEG1 audio stream, and extracts the
information to multiplex and notify to the host CPU.
2.2.3
Input/output processing
Two PCM audio signals can be inputted to the audio input interface and the audio input-output interface. When
inputting two audio signals, an audio signal is encoded, and another one bypasses the audio encoding DSP, and
transfers to the multiplexer. When inputting an audio elementary stream that has been encoded by the external audio
encoder and PCM audio, it can multiplex two audio elementary streams.
The PCM audio or the audio elementary stream can be outputted from the audio input-output interface. The audio
clock (AMCLK) types the clock by which a phase was locked up STC clock (STCLK).
Table 2-4. Audio Input/output
Item
Input/output format
Data length
16 bits, 20 bits, 24 bits
Sampling frequency
32 kHz, 44.1 kHz, 48 kHz
Justification of transfer
MSB first
I
2S Compatible/Left justified/Right justified
Format
PCM Audio, IEC60958 based



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com