Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD63335GA-9EU Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # UPD63335GA-9EU
Description  MOS INTEGRATED CIRCUITS
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD63335GA-9EU Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button UPD63335GA-9EU Datasheet HTML 34Page - Renesas Technology Corp UPD63335GA-9EU Datasheet HTML 35Page - Renesas Technology Corp UPD63335GA-9EU Datasheet HTML 36Page - Renesas Technology Corp UPD63335GA-9EU Datasheet HTML 37Page - Renesas Technology Corp UPD63335GA-9EU Datasheet HTML 38Page - Renesas Technology Corp UPD63335GA-9EU Datasheet HTML 39Page - Renesas Technology Corp UPD63335GA-9EU Datasheet HTML 40Page - Renesas Technology Corp UPD63335GA-9EU Datasheet HTML 41Page - Renesas Technology Corp UPD63335GA-9EU Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 58 page
background image
Data Sheet S15003EJ6V0DS
36
µPD63335
2.1.13 DAC volume registers (10h, 11h)
Read
Address
Write
Address
D7
D6
D5
D4
D3
D2
D1
D0
Default
90h
10h
0
SICK
DALM
DALV4
DALV3
DALV2
DALV1
DALV0
68h
91h
11h
0
SICK
DARM
DARV4
DARV3
DARV2
DARV1
DARV0
68h
These registers are used to set the DAC output signal’s mixer input volume. The correspondence between bits
and gain settings is shown below. Gain can be set in a range from +12.0 dB to –34.5 dB, in 1.5 dB steps. The
default value is 68h (gain: 0 dB, mute: ON).
• DALM:
DAC L channel mixer input mute control bit
• DARM:
DAC R channel mixer input mute control bit
• DALV[4:0]: DAC L channel mixer input gain control bits
• DARV[4:0]: DAC R channel mixer input gain control bits
Table 2-14. Correspondence of Bits and Gain Settings in DAC Volume Registers (10h, 11h)
DALM/DARM
DALV[4:0]/DARV[4:0]
Gain
0
0 0000
+12.0 dB
0
0 0001
+10.5 dB
••
•
••
•
••
•
0
0 1000
0 dB
••
•
••
•
••
•
0
1 1110
−33.0 dB
0
1 1111
−34.5 dB
1
x xxxx
Mute
1
0 1000
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com