Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD63335GA-9EU Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # UPD63335GA-9EU
Description  MOS INTEGRATED CIRCUITS
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD63335GA-9EU Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button UPD63335GA-9EU Datasheet HTML 16Page - Renesas Technology Corp UPD63335GA-9EU Datasheet HTML 17Page - Renesas Technology Corp UPD63335GA-9EU Datasheet HTML 18Page - Renesas Technology Corp UPD63335GA-9EU Datasheet HTML 19Page - Renesas Technology Corp UPD63335GA-9EU Datasheet HTML 20Page - Renesas Technology Corp UPD63335GA-9EU Datasheet HTML 21Page - Renesas Technology Corp UPD63335GA-9EU Datasheet HTML 22Page - Renesas Technology Corp UPD63335GA-9EU Datasheet HTML 23Page - Renesas Technology Corp UPD63335GA-9EU Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 58 page
background image
Data Sheet S15003EJ6V0DS
18
µPD63335
1.6.7
Data format of FSDF2:FSDF1:FSDF0:LRCLKS = 0:1:0:0
• CLKIOS = “0”: Input of both BIT_CLK and LRCLK
• CLKIOS = “1”: Output of both BIT_CLK and LRCLK
• BIT_CLK: 64 fS
• Data I/O occurs via the L channel while LRCLK is at high level and occurs via the R channel while LRCLK is at low
level.
• SI has right-justified data input and SO has left-justified data output.
1.6.8
Data format of FSDF2:FSDF1:FSDF0:LRCLKS = 0:1:0:1
• CLKIOS = “0”: Input of both BIT_CLK and LRCLK
• CLKIOS = “1”: Output of both BIT_CLK and LRCLK
• BIT_CLK: 64 fS
• Data I/O occurs via the R channel while LRCLK is at high level and occurs via the L channel while LRCLK is at low
level.
• SI has right-justified data input and SO has left-justified data output.
SI
L15 L14 L13
L2
L1
L0
R15 R14 R13
R4
R2 R1 R0
Left channel data
Right channel data
SO
Left channel data
Right channel data
LRCLK
BIT_CLK
64 fs
L15 L14 L13
L3
L2
L1
L0
R15 R14 R13
R4
R2 R1 R0
R3
L3
R3
SI
L15 L14 L13
L2
L1
L0
R15 R14 R13
R4
R2 R1 R0
Left channel data
Right channel data
SO
Left channel data
Right channel data
LRCLK
BIT_CLK
64 fs
L15 L14 L13
L3
L2
L1
L0
R15 R14 R13
R4
R2 R1 R0
R3
L3
R3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com