Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD63335GA-9EU Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPD63335GA-9EU
Description  MOS INTEGRATED CIRCUITS
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD63335GA-9EU Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPD63335GA-9EU Datasheet HTML 9Page - Renesas Technology Corp UPD63335GA-9EU Datasheet HTML 10Page - Renesas Technology Corp UPD63335GA-9EU Datasheet HTML 11Page - Renesas Technology Corp UPD63335GA-9EU Datasheet HTML 12Page - Renesas Technology Corp UPD63335GA-9EU Datasheet HTML 13Page - Renesas Technology Corp UPD63335GA-9EU Datasheet HTML 14Page - Renesas Technology Corp UPD63335GA-9EU Datasheet HTML 15Page - Renesas Technology Corp UPD63335GA-9EU Datasheet HTML 16Page - Renesas Technology Corp UPD63335GA-9EU Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
Data Sheet S15003EJ6V0DS
11
µPD63335
1.6
Digital Interfaces
The
µPD63335 uses two different interfaces to connect to an external host processor (such as a CPU or sound
controller). One is the serial command interface that controls the
µPD63335, and the other is the serial data interface
that is used for data input and output.
Figure 1-4. Digital Interfaces
1.6.1
Serial command interface
When accessing the
µPD63335 from an external host processor, use the clocked serial interface (MSCLK,
MSWDT, MSRDT).
Transfer of addresses begins in sync with the rising edge of MSCLK, immediately after the RESET signal goes
from low level to high level. Addresses consist of eight bits, of which bit 7 indicates the read/write attribute for
access.
When a “1” is transferred to bit 7 in the address, a read operation is performed. After an address is input via the
MSWDT pin, the contents of the corresponding register are output via the MSRDT pin.
When a “0” is transferred to bit 7 in the address, a write operation is performed. Once the address is sent from the
host processor, 8-bit data is written.
The
µPD63335 uses the data to check for bit drift in the serial command interface so as to ensure accurate control
from the host processor.
When communication is being performed correctly, the D6 address bit of all the registers except the warm reset
register (7Fh) is always “0”, and the D7 and D6 data bits are always “01”. The D6 data bit (SICK) is used to check for
the occurrence of bit displacement among the serial command interface bits. For details of the SICK bit, refer to
2.1.1 Serial command interface check bit (SICK).
LRCLK
BIT_CLK
SI
SO
MSCLK
MSWDT
MSRDT
PD63335
µ
Host processor
Serial command interface
Serial data interface
MSCLK
RESET
MSWDT
(Input)
Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0
Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0
MSRDT
(Output)
Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0
Address
Write data
Read data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com