Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS8900A Datasheet(PDF) 78 Page - Cirrus Logic

Part # CS8900A
Description  Crystal LAN TM ISA Ethernet Controller
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8900A Datasheet(HTML) 78 Page - Cirrus Logic

Back Button CS8900A_01 Datasheet HTML 74Page - Cirrus Logic CS8900A_01 Datasheet HTML 75Page - Cirrus Logic CS8900A_01 Datasheet HTML 76Page - Cirrus Logic CS8900A_01 Datasheet HTML 77Page - Cirrus Logic CS8900A_01 Datasheet HTML 78Page - Cirrus Logic CS8900A_01 Datasheet HTML 79Page - Cirrus Logic CS8900A_01 Datasheet HTML 80Page - Cirrus Logic CS8900A_01 Datasheet HTML 81Page - Cirrus Logic CS8900A_01 Datasheet HTML 82Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 137 page
background image
78
DS271PP4
CS8900A
Crystal LAN™ ISA Ethernet Controller
CIRRUS LOGIC PRODUCT DATASHEET
5.0 OPERATION
5.1 Managing Interrupts and Servicing the
Interrupt Status Queue
The Interrupt Status Queue (ISQ) is used by the
CS8900A to communicate Event reports to the host
processor. Whenever an event occurs that triggers
an enabled interrupt, the CS8900A sets the appro-
priate bit(s) in one of five registers, maps the con-
tents of that register to the ISQ, and drives the
selected interrupt request pin high (if an earlier in-
terrupt is waiting in the queue, the interrupt request
pin will already be high). When the host services
the interrupt, it must first read the ISQ to learn the
nature of the interrupt. It can then process the inter-
rupt (the first read to the ISQ causes the interrupt
request pin to go low.)
Three of the registers mapped to the ISQ are event
registers: RxEvent (Register 4), TxEvent (Register
8), and BufEvent (Register C). The other two reg-
isters are counter-overflow reports: RxMISS (Reg-
ister 10) and TxCOL (Register 12). There may be
more than one RxEvent report and/or more than
one TxEvent report in the ISQ at a time. However,
there may be only one BufEvent report, one Rx-
MISS report and one TxCOL report in the ISQ at a
time.
Event reports stored in the ISQ are read out in the
order of priority, with RxEvent first, followed by
TxEvent, BufEvent, RxMiss, and then TxCOL.
The host only needs to read from one location to get
the interrupt currently at the front of the queue. In
Memory Mode, the ISQ is located at PacketPage
base + 0120h. In I/O Mode, it is located at I/O base
+ 0008h. Each time the host reads the ISQ, the bits
in the corresponding register are cleared and the
next report in the queue moves to the front.
When the host starts reading the ISQ, it must read
and process all Event reports in the queue. A read-
out of a null word (0000h) indicates that all inter-
rupts have been read.
The ISQ is read as a 16-bit word. The lower six bits
(0 through 5) contain the register number (4, 8, C,
10, or 12). The upper ten bits (6 through F) contain
the register contents. The host must always read the
entire 16-bit word.
The active interrupt pin (INTRQx) is selected via
the Interrupt Number register (PacketPage base +
22h). As an additional option, all of the interrupt
pins can be 3-Stated using the same register. see
Section 4.3 on page 41.
An event triggers an interrupt only when the En-
ableIRQ bit of the Bus Control register (bit F of
register 17) is set. After the CS8900A has generat-
ed an interrupt, the first read of the ISQ makes the
INTRQ output pin go low (inactive). INTRQ re-
mains low until the null word (0000h) is read from
the ISQ, or for 1.6us, whichever is longer.
5.2 Basic Receive Operation
5.2.0.1 Overview
Once an incoming packet has passed through the
analog front end and Manchester decoder, it goes
through the following three-step receive process:
1) Pre-Processing
2) Temporary Buffering
3) Transfer to Host
Figure 20 shows the steps in frame reception.
As shown in the figure, all receive frames go
through the same pre-processing and temporary
buffering phases, regardless of transfer method
Once a frame has been pre-processed and buffered,
it can be accessed by the host in either Memory or
I/O space. In addition, the CS8900A can transfer
receive frames to host memory via host DMA. This
section describes receive frame pre-processing and
Memory
and
I/O
space
receive
operation.
Section 5.4 on page 89 through Section 5.5 on
page 92 describe DMA operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com