Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS8900A Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS8900A
Description  Crystal LAN TM ISA Ethernet Controller
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8900A Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS8900A_01 Datasheet HTML 17Page - Cirrus Logic CS8900A_01 Datasheet HTML 18Page - Cirrus Logic CS8900A_01 Datasheet HTML 19Page - Cirrus Logic CS8900A_01 Datasheet HTML 20Page - Cirrus Logic CS8900A_01 Datasheet HTML 21Page - Cirrus Logic CS8900A_01 Datasheet HTML 22Page - Cirrus Logic CS8900A_01 Datasheet HTML 23Page - Cirrus Logic CS8900A_01 Datasheet HTML 24Page - Cirrus Logic CS8900A_01 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 137 page
background image
DS271PP4
21
CS8900A
Crystal LAN™ ISA Ethernet Controller
CIRRUS LOGIC PRODUCT DATASHEET
CS8900A will not attempt to read configuration
data from the EEPROM.
3.4.3.5 Determining Number of Bytes in the Reset
Configuration Block
The low byte of the Reset Configuration Block
header is known as the link byte. The value of the
Link Byte represents the number of bytes of config-
uration data in the Reset Configuration Block. The
two bytes used for the header are excluded when
calculating the Link Byte value.
For example, a Reset Configuration Block header
of A104h indicates a non-sequential EEPROM pro-
grammed with a Reset Configuration Block con-
taining 4 bytes of configuration data. This Reset
Configuration Block occupies 6 bytes (3 words) of
EEPROM space (2 bytes for the header and 4 bytes
of configuration data).
3.4.4 Groups of Configuration Data
Configuration data are arranged as groups of
words. Each group contains one or more words of
data that are to be loaded into PacketPage registers.
Word Address
Value
Description
FIRST WORD in DATA BLOCK
00h
A120h
Configuration Block Header.
The high byte, A1h, indicates a ‘C46 EEPROM is attached. The Link Byte,
20h, indicates the number of bytes to be used in this block of configuration
data.
FIRST GROUP of WORDS
01h
2020h
Group Header for first group of words.
Three words to be loaded, beginning at 0020h in PacketPage memory.
02h
0300h
I/O Base Address
03h
0003h
Interrupt Number
04h
0001h
DMA Channel Number
SECOND GROUP of WORDS
05h
502Ch
Group Header for second group of words.
Six words to be loaded, beginning at 002Ch in PacketPage memory.
06h
E000h
Memory Base Address - low word
07
000Fh
Memory Base Address - high word
08h
0000h
Boot PROM Base Address - low word
09h
000Dh
Boot PROM Base Address - high word
0Ah
C000h
Boot PROM Address Mask - low word
0Bh
000Fh
Boot PROM Address Mask - high word
THIRD GROUP of WORDS
0Ch
2158h
Group Header for third group of words.
Three words to be loaded, beginning at 0158 in PacketPage memory.
0Dh
0010h
Individual Address - Octet 0 and 1
0Eh
0000h
Individual Address - Octet 2 and 3
0Fh
0000h
Individual Address - Octet 4 and 5
CHECKSUM Value
10h
2800h
The high byte, 28h, is the Checksum Value. In this example, the check-
sum includes word addresses 00h through 0Fh. The hexadecimal sum of
the bytes is D8h, resulting in a 2’s complement of 28h. The low byte, 00h,
provides a pad to the word boundary.
* FFFFh is a special code indicating that there are no more words in the EEPROM.
Table 6. EEPROM Configuration Block Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com