Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS8900A Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS8900A
Description  Crystal LAN TM ISA Ethernet Controller
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8900A Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS8900A_01 Datasheet HTML 35Page - Cirrus Logic CS8900A_01 Datasheet HTML 36Page - Cirrus Logic CS8900A_01 Datasheet HTML 37Page - Cirrus Logic CS8900A_01 Datasheet HTML 38Page - Cirrus Logic CS8900A_01 Datasheet HTML 39Page - Cirrus Logic CS8900A_01 Datasheet HTML 40Page - Cirrus Logic CS8900A_01 Datasheet HTML 41Page - Cirrus Logic CS8900A_01 Datasheet HTML 42Page - Cirrus Logic CS8900A_01 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 137 page
background image
DS271PP4
39
CS8900A
Crystal LAN™ ISA Ethernet Controller
CIRRUS LOGIC PRODUCT DATASHEET
etPage base + 0A00h) are directly accessible. See
Section 4.7 on page 72.
4.2 PacketPage Memory Map
Table 12 shows the CS8900A PacketPage memory
address map: s
PacketPage
Address
# of
Bytes
Type
Description
Cross Reference
Bus Interface Registers
0000h
4
Read-only Product Identification Code
Section 4.3 on page 41
0004h
28
-
Reserved
Note 2
0020h
2
Read/Write I/O Base Address
Section 4.3 on page 41,
Section 4.7 on page 72
0022h
2
Read/Write Interrupt Number (0,1,2,or 3)
Section 3.2 on page 17,
Section 4.3 on page 41
0024h
2
Read/Write DMA Channel Number (0, 1, or 2)
Section 3.2 on page 17,
Section 4.3 on page 41
0026h
2
Read-only DMA Start of Frame
Section 4.3 on page 41,
Section 5.4 on page 89
0028h
2
Read-only DMA Frame Count (12 Bits)
Sections Section 4.3 on page 41,
”Receive DMA”
002Ah
2
Read-only RxDMA Byte Count
Section 4.3 on page 41,
Section 5.4 on page 89
002Ch
4
Read/Write Memory Base Address Register
(20 Bit)
Section 4.3 on page 41,
Section 4.9 on page 73
0030h
4
Read/Write Boot PROM Base Address
Section 3.6 on page 24,
Section 4.3 on page 41
0034h
4
Read/Write Boot PROM Address Mask
Section 3.6 on page 24,
Section 4.3 on page 41
0038h
8
-
Reserved
Note 2
0040h
2
Read/Write EEPROM Command
Section 3.5 on page 23,
Section 4.3 on page 41
0042h
2
Read/Write EEPROM Data
Section 3.5 on page 23,
Section 4.3 on page 41
0044h
12
-
Reserved
Note 2
0050h
2
Read only Received Frame Byte Counter
Section 4.3 on page 41,
Section 5.2.9 on page 86
0052h
174
-
Reserved
Note 2
Status and Control Registers
0100h
32
Read/Write Configuration & Control Registers
(2 bytes per regiseter)
Section 4.4 on page 46
0120h
32
Read-only Status & Event Registers
(2 bytes per register)
Section 4.4 on page 46
0140h
4
-
Reserved
Note 2
Initiate Transmit Registers
Notes: 1. All registers are accessed as words only.
2. Read operation from the reserved location provides undefined data. Writing to a reserved location or
undefined bits may result in unpredictable operation of the CS8900A.
Table 12. PacketPage Memory Address Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com