Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

E-STE100A Datasheet(PDF) 13 Page - STMicroelectronics

Part # E-STE100A
Description  PCI 10/100 Ethernet controller with integrated PHY (3.3V)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-STE100A Datasheet(HTML) 13 Page - STMicroelectronics

Back Button E-STE100A Datasheet HTML 9Page - STMicroelectronics E-STE100A Datasheet HTML 10Page - STMicroelectronics E-STE100A Datasheet HTML 11Page - STMicroelectronics E-STE100A Datasheet HTML 12Page - STMicroelectronics E-STE100A Datasheet HTML 13Page - STMicroelectronics E-STE100A Datasheet HTML 14Page - STMicroelectronics E-STE100A Datasheet HTML 15Page - STMicroelectronics E-STE100A Datasheet HTML 16Page - STMicroelectronics E-STE100A Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 82 page
background image
STE10/100A
Functional description
13/82
3.2
Network packet buffer management
3.2.1
Descriptor structure types
During normal network transmit operations, the STE10/100A transfers the data packets
from transmit buffers in the host’s memory to the STE10/100A’s transmit FIFO. For receive
operations, the STE10/100A transfers the data packet from its receive FIFO to receive
buffers in the host’s memory. The STE10/100A makes use of descriptors, data structures
which are built in host memory and contain pointers to the transmit and receive buffers and
maintain packet and frame parameters, status, and other information vital to controlling
network operation.
There are two types of structures employed to group descriptors, the Ring and the Chain,
both supported by the STE10/100A and shown below. The selection of structure type is
controlled by RCH (RDES1 bit 24) and TCH (TDES1 bit 24).
The transmit and receive buffers reside in the host’s memory. Any buffer can contain either a
complete or partial packet. A buffer may not contain more than one packet.
Ring structure
There are two buffers per descriptor in the ring structure. Support receive early interrupt.
Figure 5.
Frame buffer ring structure
own
Data buffer
Length 1
Data
Data
Length 2
Buffer1 pointer
Buffer2 pointer
Length 2 Length 1
Descriptor
.
.
.
.
.
.
.
Descriptor pointer
CSR3 or CSR4
End of ring
PC00350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com