Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

E-STE100A Datasheet(PDF) 30 Page - STMicroelectronics

Part # E-STE100A
Description  PCI 10/100 Ethernet controller with integrated PHY (3.3V)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-STE100A Datasheet(HTML) 30 Page - STMicroelectronics

Back Button E-STE100A Datasheet HTML 26Page - STMicroelectronics E-STE100A Datasheet HTML 27Page - STMicroelectronics E-STE100A Datasheet HTML 28Page - STMicroelectronics E-STE100A Datasheet HTML 29Page - STMicroelectronics E-STE100A Datasheet HTML 30Page - STMicroelectronics E-STE100A Datasheet HTML 31Page - STMicroelectronics E-STE100A Datasheet HTML 32Page - STMicroelectronics E-STE100A Datasheet HTML 33Page - STMicroelectronics E-STE100A Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 82 page
background image
Registers and descriptors description
STE10/100A
30/82
4
Registers and descriptors description
Note:
There are three kinds of registers within the STE10/100A: STE10/100A configuration
registers, PCI control/status registers, and transceiver control/status registers.
The STE10/100A configuration registers are used to initialize and configure the
STE10/100A and for identifying and querying the STE10/100A.
The PCI control/status registers are used to communicate between the host and
STE10/100A. The host can initialize, control, and read the status of the STE10/100A
through mapped I/O or memory address space.
The STE10/100A contains 11 16-bit registers to supported transceiver control and status.
They include 7 basic registers which are defined according to clause 22 “Reconciliation
Sub-layer and Media Independent Interface” and clause 28 “Physical Layer link signaling for
10 Mb/s and 100 Mb/s auto-negotiation on twisted pair” of the IEEE802.3u standard. In
addition, 4 special registers are provided for advanced chip control and status.
The STE10/100A also provides receive and transmit descriptors for packet buffering and
management.
4.1
STE10/100A configuration registers
An STE10/100A software driver can initialize and configure the chip by writing its
configuration registers. The contents of configuration registers are set to their default values
upon power-up or whenever a hardware reset occurs, but their settings remain unchanged
whenever a software reset occurs. The configuration registers are byte, word, and double
word accessible.
Table 4.
STE10/100A configuration registers list
Offset
Index
Name
Description
00h
CR0
LID
Loaded device ID and vendor ID
04h
CR1
CSC
Configuration status and command
08h
CR2
CC
Class code and revision number
0ch
CR3
LT
Latency timer
10h
CR4
IOBA
IO base address
14h
CR5
MBA
Memory base address
2ch
CR11
SID
Subsystem ID and vendor ID
30h
CR12
BRBA
Boot ROM base address (ROM size = 128Kbit)
34h
CR13
CP
Capability pointer
3ch
CR15
CINT
Configuration interrupt
40h
CR16
DS
Driver space for special purpose
80h
CR32
SIG
Signature of STE10/100A
c0h
CR48
PMR0
Power management register 0
c4h
CR49
PMR1
Power management register 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com