Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

E-STE100A Datasheet(PDF) 46 Page - STMicroelectronics

Part # E-STE100A
Description  PCI 10/100 Ethernet controller with integrated PHY (3.3V)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-STE100A Datasheet(HTML) 46 Page - STMicroelectronics

Back Button E-STE100A Datasheet HTML 42Page - STMicroelectronics E-STE100A Datasheet HTML 43Page - STMicroelectronics E-STE100A Datasheet HTML 44Page - STMicroelectronics E-STE100A Datasheet HTML 45Page - STMicroelectronics E-STE100A Datasheet HTML 46Page - STMicroelectronics E-STE100A Datasheet HTML 47Page - STMicroelectronics E-STE100A Datasheet HTML 48Page - STMicroelectronics E-STE100A Datasheet HTML 49Page - STMicroelectronics E-STE100A Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 82 page
background image
Registers and descriptors description
STE10/100A
46/82
CSR7 (offset = 38h), IER - Interrupt enable register
31~17
---
Reserved
16
NIE
Normal interrupt enable.
1: enables all the normal interrupt bits (see bit 16
of CSR5).
0R/W
15
AIE
Abnormal interrupt enable.
1: enables all the abnormal interrupt bits (see bit
15 of CSR5).
0R/W
14
---
Reserved
13
FBEIE
Fatal bus error interrupt enable.
1: this bit in conjunction with AIE (bit 15 of
CSR7) will enable the fatal bus error interrupt.
0R/W
12
---
Reserved
11
GPTIE
General purpose timer interrupt enable.
1: this bit in conjunction with AIE (bit 15 of
CSR7) will enable the general purpose timer
expired interrupt.
0R/W
10
---
Reserved
9RWTIE
Receive watchdog time-out interrupt enable
1: this bit in conjunction with AIE (bit 15 of
CSR7) will enable the receive watchdog time-out
interrupt.
0R/W
8RSIE
Receive stopped interrupt enable.
1: this bit in conjunction with AIE (bit 15 of
CSR7) will enable the receive stopped interrupt.
0R/W
7RUIE
Receive descriptor unavailable interrupt enable.
1: this bit in conjunction with AIE (bit 15 of
CSR7) will enable the receive descriptor
unavailable interrupt.
0R/W
6
RCIE
Receive completed interrupt enable.
1: this bit in conjunction with NIE (bit 16 of
CSR7) will enable the receive completed
interrupt.
0R/W
5TUIE
Transmit under-flow interrupt enable.
1: this bit in conjunction with AIE (bit 15 of
CSR7) will enable the transmit under-flow
interrupt.
0R/W
4
---
Reserved
3
TJTTIE
Transmit jabber timer time-out interrupt enable.
1: this bit in conjunction with AIE (bit 15 of
CSR7) will enable the transmit jabber timer time-
out interrupt.
0R/W
Table 8.
Control/status register description (continued)
Bit #
Name
Description
Default
RW type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com