Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD750004 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # UPD750004
Description  MOS INTEGRATED CIRCUIT
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD750004 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button UPD750004 Datasheet HTML 4Page - Renesas Technology Corp UPD750004 Datasheet HTML 5Page - Renesas Technology Corp UPD750004 Datasheet HTML 6Page - Renesas Technology Corp UPD750004 Datasheet HTML 7Page - Renesas Technology Corp UPD750004 Datasheet HTML 8Page - Renesas Technology Corp UPD750004 Datasheet HTML 9Page - Renesas Technology Corp UPD750004 Datasheet HTML 10Page - Renesas Technology Corp UPD750004 Datasheet HTML 11Page - Renesas Technology Corp UPD750004 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 86 page
background image
µPD750004, 750006, 750008, 750004(A), 750006(A), 750008(A)
6
Data Sheet U10738EJ3V2DS
1. PIN CONFIGURATION (TOP VIEW)
•
42-pin plastic shrink DIP (600 mil, 1.778 mm pitch)
µPD750004CU-×××, µPD750004CU-×××-A, µPD750004CU(A)-×××
µPD750006CU-×××, µPD750006CU-×××-A, µPD750006CU(A)-×××
µPD750008CU-×××, µPD750008CU-×××-A, µPD750008CU(A)-×××
IC : Internally connected (Connect directly to VDD.)
VSS
P40
P41
P42
P43
P50
P51
P52
P53
P60/KR0
P61/KR1
P62/KR2
P63/KR3
P70/KR4
P71/KR5
P72/KR6
P73/KR7
P20/PTO0
P21/PTO1
P22/PCL
P23/BUZ
XT1
XT2
RESET
X1
X2
P33
P32
P31
P30
P81
P80
P03/SI/SB1
P02/SO/SB0
P01/SCK
P00/INT4
P13/TI0
P12/INT2
P11/INT1
P10/INT0
IC
VDD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com