Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD750004 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # UPD750004
Description  MOS INTEGRATED CIRCUIT
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD750004 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button UPD750004 Datasheet HTML 13Page - Renesas Technology Corp UPD750004 Datasheet HTML 14Page - Renesas Technology Corp UPD750004 Datasheet HTML 15Page - Renesas Technology Corp UPD750004 Datasheet HTML 16Page - Renesas Technology Corp UPD750004 Datasheet HTML 17Page - Renesas Technology Corp UPD750004 Datasheet HTML 18Page - Renesas Technology Corp UPD750004 Datasheet HTML 19Page - Renesas Technology Corp UPD750004 Datasheet HTML 20Page - Renesas Technology Corp UPD750004 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 86 page
background image
µPD750004, 750006, 750008, 750004(A), 750006(A), 750008(A)
15
Data Sheet U10738EJ3V2DS
4.2
SETTING OF THE STACK BANK SELECTION REGISTER (SBS)
The Mk
Ι mode and Mk ΙΙ mode are switched by stack bank selection register. Fig. 4-1 shows the register
configuration.
The stack bank selection register is set with a 4-bit memory operation instruction. To use the CPU in Mk
Ι mode,
initialize the register to 100
×BNote at the beginning of the program. To use the CPU in Mk ΙΙ mode, initialize it to
000
×BNote.
Note Specify the desired value in
×.
Fig. 4-1
Stack Bank Selection Register Format
Caution The CPU operates in Mk
Ι mode after the RESET signal is issued, because bit 3 of SBS is set to 1.
Set bit 3 of SBS to 0 (Mk
ΙΙ mode) to use the CPU in Mk ΙΙ mode.
SBS0
SBS1
SBS2
SBS3
0
1
2
3
F84H
Address
SBS
Symbol
0
0
0
1
Memory bank 0
Memory bank 1
Other settings are inhibited.
0
1
Mk
ΙΙ mode
Mk
Ι mode
Mode switching designation
Bit 2 must be set to 0.
Stack area designation
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com