Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD750004 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # UPD750004
Description  MOS INTEGRATED CIRCUIT
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD750004 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button UPD750004 Datasheet HTML 5Page - Renesas Technology Corp UPD750004 Datasheet HTML 6Page - Renesas Technology Corp UPD750004 Datasheet HTML 7Page - Renesas Technology Corp UPD750004 Datasheet HTML 8Page - Renesas Technology Corp UPD750004 Datasheet HTML 9Page - Renesas Technology Corp UPD750004 Datasheet HTML 10Page - Renesas Technology Corp UPD750004 Datasheet HTML 11Page - Renesas Technology Corp UPD750004 Datasheet HTML 12Page - Renesas Technology Corp UPD750004 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 86 page
background image
µPD750004, 750006, 750008, 750004(A), 750006(A), 750008(A)
7
Data Sheet U10738EJ3V2DS
•
44-pin plastic QFP (10
× 10 mm, 0.8 mm pitch)
µPD750004GB-×××-3BS-MTX, µPD750004GB-×××-3BS-MTX-A, µPD750004GB(A)-×××-3BS-MTX
µPD750006GB-×××-3BS-MTX, µPD750006GB-×××-3BS-MTX-A, µPD750006GB(A)-×××-3BS-MTX
µPD750008GB-×××-3BS-MTX, µPD750008GB-×××-3BS-MTX-A, µPD750008GB(A)-×××-3BS-MTX
IC : Internally connected (Connect directly to VDD.)
PIN NAMES
P00 - 03
:
Port 0
SO
:
Serial Output
P10 - 13
:
Port 1
SB0, SB1
:
Serial Data Bus 0, 1
P20 - 23
:
Port 2
RESET
:
Reset
P30 - 33
:
Port 3
TI0
:
Timer Input 0
P40 - 43
:
Port 4
PTO0, PTO1 :
Programmable Timer Output 0, 1
P50 - 53
:
Port 5
BUZ
:
Buzzer Clock
P60 - 63
:
Port 6
PCL
:
Programmable Clock
P70 - 73
:
Port 7
INT0, 1, 4
:
External Vectored Interrupt 0, 1, 4
P80, 81
:
Port 8
INT2
:
External Test Input 2
KR0 - KR7 :
Key Return 0 - 7
X1, X2
:
Main System Clock Oscillation 1, 2
SCK
:
Serial Clock
XT1, XT2
:
Subsystem Clock Oscillation 1, 2
SI
:
Serial Input
NC
:
No Connection
IC
:
Internally Connected
P13/TI0
P00/INT4
P01/SCK
P02/SO/SB0
P03/SI/SB1
P80
P81
P30
P31
P32
P33
P72/KR6
P71/KR5
P70/KR4
P63/KR3
P62/KR2
P61/KR1
P60/KR0
P53
P52
P51
P50
33
32
31
30
29
28
27
26
25
24
23
1
2
3
4
5
6
7
8
9
10
11
44 43 42 41 40 39 38 37 36 35 34
12 13 14 15 16 17 18 19 20 21 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com