Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RTQ2159-QA Datasheet(PDF) 14 Page - Richtek Technology Corporation

Part # RTQ2159-QA
Description  8A, 6.5V, 2.1MHz, ACOT® Synchronous Step-Down Converter with I2C Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RTQ2159-QA Datasheet(HTML) 14 Page - Richtek Technology Corporation

Back Button RTQ2159-QA Datasheet HTML 10Page - Richtek Technology Corporation RTQ2159-QA Datasheet HTML 11Page - Richtek Technology Corporation RTQ2159-QA Datasheet HTML 12Page - Richtek Technology Corporation RTQ2159-QA Datasheet HTML 13Page - Richtek Technology Corporation RTQ2159-QA Datasheet HTML 14Page - Richtek Technology Corporation RTQ2159-QA Datasheet HTML 15Page - Richtek Technology Corporation RTQ2159-QA Datasheet HTML 16Page - Richtek Technology Corporation RTQ2159-QA Datasheet HTML 17Page - Richtek Technology Corporation RTQ2159-QA Datasheet HTML 18Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
RTQ2159-QA
Copyright © 2021 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DSQ2159-QA-01
March 2021
14
Output Voltage vs. Input Voltage
0.96
0.97
0.98
0.99
1.00
1.01
1.02
1.03
1.04
3
3.5
4
4.5
5
5.5
6
6.5
Input Voltage (V)
IOUT = 8A
IOUT = 6A
IOUT = 4A
IOUT = 0A
IOUT = 2.5A
IOUT = 0.1A
VOUT = 1V
Output Voltage vs. Input Voltage
1.48
1.49
1.50
1.51
1.52
1.53
1.54
1.55
3
3.5
4
4.5
5
5.5
6
6.5
Input Voltage (V)
VOUT = 1.5V
IOUT = 8A
IOUT = 6A
IOUT = 4A
IOUT = 0A
IOUT = 2.5A
IOUT = 0.1A
Switching Frequency vs. Output Current
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
0
1
2
3
4
5
6
7
8
Output Current (A)
VIN = 2.85V
VIN = 5V
VIN = 6.5V
VIN = 5V, VOUT = 1V
Switching Frequency vs. Input Voltage
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
3
3.5
4
4.5
5
5.5
6
6.5
Input Voltage (V)
VOUT = 1V, IOUT = 4A
Switching Frequency vs. Temperature
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
-50
-25
0
25
50
75
100
125
Temperature (oC)
VOUT = 1V, IOUT = 4A
Shutdown Current vs. Input Voltage
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
3
3.5
4
4.5
5
5.5
6
6.5
Input Voltage (V)
VIN = 5V, VOUT = 1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com