Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RTQ2159-QA Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RTQ2159-QA
Description  8A, 6.5V, 2.1MHz, ACOT® Synchronous Step-Down Converter with I2C Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RTQ2159-QA Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RTQ2159-QA Datasheet HTML 1Page - Richtek Technology Corporation RTQ2159-QA Datasheet HTML 2Page - Richtek Technology Corporation RTQ2159-QA Datasheet HTML 3Page - Richtek Technology Corporation RTQ2159-QA Datasheet HTML 4Page - Richtek Technology Corporation RTQ2159-QA Datasheet HTML 5Page - Richtek Technology Corporation RTQ2159-QA Datasheet HTML 6Page - Richtek Technology Corporation RTQ2159-QA Datasheet HTML 7Page - Richtek Technology Corporation RTQ2159-QA Datasheet HTML 8Page - Richtek Technology Corporation RTQ2159-QA Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
RTQ2159-QA
Copyright © 2021 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DSQ2159-QA-01
March 2021
2
Ordering Information
RTQ2159
Lead Plating System
G : Green (Halogen Free and Pb Free)
-QA
Package Type
QWTF : WET-WQFN-21L 4x4 (FC) (W-Type)
Grade
QA : AEC-Q100 Qualified and
Screened by High Temperature
Note :
Richtek products are :
RoHS compliant and compatible with the current
requirements of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering
processes.
Marking Information
00=YM
DNN
00= : Product Code
YMDNN : Date Code
Pin Configuration
(TOP VIEW)
EN
VIN
A0
AGND
NC
AVCC
BOOT
VIN
SW
1
2
3
4
6
7
18
19
5
13
14
15
16
17
8
9
20
10
11
12
21
VIN
PGND
WET-WQFN-21L 4x4 (FC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com