Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RTQ2159-QA Datasheet(PDF) 21 Page - Richtek Technology Corporation

Part # RTQ2159-QA
Description  8A, 6.5V, 2.1MHz, ACOT® Synchronous Step-Down Converter with I2C Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RTQ2159-QA Datasheet(HTML) 21 Page - Richtek Technology Corporation

Back Button RTQ2159-QA Datasheet HTML 17Page - Richtek Technology Corporation RTQ2159-QA Datasheet HTML 18Page - Richtek Technology Corporation RTQ2159-QA Datasheet HTML 19Page - Richtek Technology Corporation RTQ2159-QA Datasheet HTML 20Page - Richtek Technology Corporation RTQ2159-QA Datasheet HTML 21Page - Richtek Technology Corporation RTQ2159-QA Datasheet HTML 22Page - Richtek Technology Corporation RTQ2159-QA Datasheet HTML 23Page - Richtek Technology Corporation RTQ2159-QA Datasheet HTML 24Page - Richtek Technology Corporation RTQ2159-QA Datasheet HTML 25Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
RTQ2159-QA
Copyright © 2021 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DSQ2159-QA-01
March 2021
www.richtek.com
21
Table 9. DCDC_SET
Address : 0x05
Description : current limit, thermal shutdown threshold, PG enable delay time, VID
Bits
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Name
Reserved
OTSET
PGDSET
Reserved
Reset
Value
0
0
1
0
0
1
0
0
Read/Write
R
R
R
R/W
R/W
R/W
R
R
Bits
Name
Description
7 : 6
Reserved
Reserved bit
5 : 4
OTSET
OTSET[5:4] = 00b : no OT
OTSET[5:4] = 01b : 170
C
OTSET[5:4] = 10b : 175°C (default)
OTSET[5:4] = 11b : 180°C
3 : 2
PGDSET
PGDSET[3:2] = 00b : PG enable delay time = 0
s
PGDSET[3:2] = 01b : PG enable delay time = 10
s (default)
PGDSET[3:2] = 10b : PG enable delay time = 20
s
PGDSET[3:2] = 11b : PG enable delay time = 40
s
1 : 0
Reserved
Reserved bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com