Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M48Z512AV Datasheet(PDF) 8 Page - STMicroelectronics

Part # M48Z512AV
Description  4 Mbit (512 Kbit x 8) ZEROPOWER SRAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z512AV Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M48Z512AV Datasheet HTML 4Page - STMicroelectronics M48Z512AV Datasheet HTML 5Page - STMicroelectronics M48Z512AV Datasheet HTML 6Page - STMicroelectronics M48Z512AV Datasheet HTML 7Page - STMicroelectronics M48Z512AV Datasheet HTML 8Page - STMicroelectronics M48Z512AV Datasheet HTML 9Page - STMicroelectronics M48Z512AV Datasheet HTML 10Page - STMicroelectronics M48Z512AV Datasheet HTML 11Page - STMicroelectronics M48Z512AV Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Operating modes
M48Z512A M48Z512AY M48Z512AV
8/24
2
Operating modes
The M48Z512A/Y/V also has its own Power-fail Detect circuit. The control circuitry
constantly monitors the single VCC supply for an out of tolerance condition. When VCC is out
of tolerance, the circuit WRITE protects the SRAM, providing a high degree of data security
in the midst of unpredictable system operation brought on by low VCC. As VCC falls below
the switchover voltage (VSO), the control circuitry connects the battery which maintains data
until valid power returns.
The ZEROPOWER® RAM replaces industry standard SRAMs. It provides the nonvolatility of
PROMs without any requirement for special WRITE timing or limitations on the number of
WRITEs that can be performed.
2.1
READ mode
The M48Z512A/Y/V is in the READ mode whenever W (WRITE Enable) is high and E (Chip
Enable) is low. The device architecture allows ripple-through access of data from eight of
4,194,304 locations in the static storage array. Thus, the unique address specified by the 19
Address Inputs defines which one of the 524,288 bytes of data is to be accessed. Valid data
will be available at the Data I/O pins within Address Access time (tAVQV) after the last
address input signal is stable, providing that the E (Chip Enable) and G (Output Enable)
access times are also satisfied. If the E and G access times are not met, valid data will be
available after the later of Chip Enable Access time (tELQV) or Output Enable Access Time
(tGLQV). The state of the eight three-state Data I/O signals is controlled by E and G. If the
outputs are activated before tAVQV, the data lines will be driven to an indeterminate state
until tAVQV. If the Address Inputs are changed while E and G remain low, output data will
remain valid for Output Data Hold time (tAXQX) but will go indeterminate until the next
Address Access.
Table 3.
Operating modes(1)
1.
See Table 11 on page 17 for details.
Mode
VCC
E
G
W
DQ0-DQ7
Power
Deselect
4.75 to 5.5V
or
4.5 to 5.5V
or
3.0 to 3.6V
VIH
X
X
High Z
Standby
WRITE
VIL
XVIL
DIN
Active
READ
VIL
VIL
VIH
DOUT
Active
READ
VIL
VIH
VIH
High Z
Active
Deselect
VSO to VPFD (min)
(2)
2.
X = VIH or VIL; VSO = battery back-up switchover voltage.
X
X
X
High Z
CMOS standby
Deselect
≤ V
SO
(2)
X
X
X
High Z
Battery back-up mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com