Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M48Z512AV Datasheet(PDF) 20 Page - STMicroelectronics

Part # M48Z512AV
Description  4 Mbit (512 Kbit x 8) ZEROPOWER SRAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z512AV Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M48Z512AV Datasheet HTML 16Page - STMicroelectronics M48Z512AV Datasheet HTML 17Page - STMicroelectronics M48Z512AV Datasheet HTML 18Page - STMicroelectronics M48Z512AV Datasheet HTML 19Page - STMicroelectronics M48Z512AV Datasheet HTML 20Page - STMicroelectronics M48Z512AV Datasheet HTML 21Page - STMicroelectronics M48Z512AV Datasheet HTML 22Page - STMicroelectronics M48Z512AV Datasheet HTML 23Page - STMicroelectronics M48Z512AV Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Package mechanical information
M48Z512A M48Z512AY M48Z512AV
20/24
Figure 14.
SH – 4-pin SNAPHAT housing for 48mAh battery, package outline
1.
Drawing is not to scale.
Table 14.
SH – 4-pin SNAPHAT housing for 48mAh battery, package mechanical data
Symb
mm
inches
Typ
Min
Max
Typ
Min
Max
A9.78
0.385
A1
6.73
7.24
0.265
0.285
A2
6.48
6.99
0.255
0.275
A3
0.38
0.015
B
0.46
0.56
0.018
0.022
D
21.21
21.84
0.835
0.860
E
14.22
14.99
0.560
0.590
eA
15.55
15.95
0.612
0.628
eB
3.20
3.61
0.126
0.142
L
2.03
2.29
0.080
0.090
SHZP-A
A1
A
D
E
eA
eB
A2
B
L
A3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com