Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M48Z512AV Datasheet(PDF) 1 Page - STMicroelectronics

Part # M48Z512AV
Description  4 Mbit (512 Kbit x 8) ZEROPOWER SRAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z512AV Datasheet(HTML) 1 Page - STMicroelectronics

  M48Z512AV Datasheet HTML 1Page - STMicroelectronics M48Z512AV Datasheet HTML 2Page - STMicroelectronics M48Z512AV Datasheet HTML 3Page - STMicroelectronics M48Z512AV Datasheet HTML 4Page - STMicroelectronics M48Z512AV Datasheet HTML 5Page - STMicroelectronics M48Z512AV Datasheet HTML 6Page - STMicroelectronics M48Z512AV Datasheet HTML 7Page - STMicroelectronics M48Z512AV Datasheet HTML 8Page - STMicroelectronics M48Z512AV Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
December 2006
Rev 6
1/24
1
M48Z512A
M48Z512AY, M48Z512AV
4 Mbit (512 Kbit x 8) ZEROPOWER® SRAM
Features
■
Integrated, ultra low power SRAM, power-fail
control circuit, and battery
■
Conventional SRAM operation; unlimited
WRITE cycles
■
10 years of data retention in the absence of
power
■
Automatic power-fail chip deselect and WRITE
protection
■
Two WRITE Protect voltages:
(VPFD = power-fail deselect voltage)
–M48Z512A:
VCC = 4.75 to 5.5V, 4.5V ≤ VPFD ≤ 4.75V
–M48Z512AY:
VCC = 4.5 to 5.5V, 4.2V ≤ VPFD ≤ 4.5V
–M48Z512AV:
VCC = 3.0 to 3.6V, 2.8V ≤ VPFD ≤ 3.0V
■
Battery internally isolated until power is applied
■
Pin and function compatible with JEDEC
standard 512K x 8 SRAMs
■
SOIC package provides direct connection for a
SNAPHAT top which contains the battery
■
SNAPHAT housing (battery) is replaceable
■
Equivalent Surface-Mount (SMT) solution
requires a 28-pin M40Z300/W and a stand-
alone 128K x8 LPSRAM (SNAPHAT® top to be
ordered separately
■
PMDIP32 is an ECOPACK package
Description
The M48Z512A/Y/V ZEROPOWER® RAM is a
non-volatile, 4,194,304-bit Static RAM organized
as 524,288 words by 8 bits. The devices combine
an internal lithium battery, a CMOS SRAM and a
control circuit in a plastic, 32-pin DIP Module.
For Surface-Mount environments ST provides an
equivalent SMT solution consisting of a 28-pin,
330mil SOIC NVRAM Supervisor (M40Z300/W)
and a 32-pin, (Type II TSOP, 10 x 20mm) 4Mb
LPSRAM. Both 5V and 3V versions are available
(see Table 2 on page 7).
The unique design allows the SNAPHAT® battery
package to be mounted on top of the SOIC
package after the completion of the surface-
mount process. Insertion of the SNAPHAT
housing after reflow prevents potential battery
damage due to the high temperatures required for
device surface-mounting. The SNAPHAT housing
is keyed to prevent reverse insertion.
The SNAPHAT battery package is shipped
separately in plastic anti-static tubes or in Tape &
Reel form. The part number is “M4Z32-BR00SH1.
PMDIP32 (PM)
Module
32
1
www.st.com


Similar Part No. - M48Z512AV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z512AV STMICROELECTRONICS-M48Z512AV Datasheet
341Kb / 21P
4 Mbit (512 Kbit x 8) ZEROPOWER® SRAM
02-Aug-2010
M48Z512AV-70PM1 STMICROELECTRONICS-M48Z512AV-70PM1 Datasheet
341Kb / 21P
4 Mbit (512 Kbit x 8) ZEROPOWER® SRAM
02-Aug-2010
M48Z512AV-70PM6 STMICROELECTRONICS-M48Z512AV-70PM6 Datasheet
341Kb / 21P
4 Mbit (512 Kbit x 8) ZEROPOWER® SRAM
02-Aug-2010
M48Z512AV-85PM1 STMICROELECTRONICS-M48Z512AV-85PM1 Datasheet
341Kb / 21P
4 Mbit (512 Kbit x 8) ZEROPOWER® SRAM
02-Aug-2010
M48Z512AV-85PM6 STMICROELECTRONICS-M48Z512AV-85PM6 Datasheet
341Kb / 21P
4 Mbit (512 Kbit x 8) ZEROPOWER® SRAM
02-Aug-2010
More results

Similar Description - M48Z512AV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z02 STMICROELECTRONICS-M48Z02 Datasheet
85Kb / 12P
16 Kbit 2Kb x 8 ZEROPOWER SRAM
May-1999
M48Z08 STMICROELECTRONICS-M48Z08 Datasheet
141Kb / 18P
64 Kbit 8Kb x 8 ZEROPOWER SRAM
Mar-1999
M48Z32V STMICROELECTRONICS-M48Z32V Datasheet
329Kb / 16P
3.3V, 256 Kbit 32 Kbit x 8 ZEROPOWER SRAM
Mar-2004
M48Z58 STMICROELECTRONICS-M48Z58 Datasheet
133Kb / 17P
64 Kbit 8Kb x 8 ZEROPOWER SRAM
Mar-1999
M48Z128Y STMICROELECTRONICS-M48Z128Y Datasheet
295Kb / 21P
5.0V OR 3.3V, 1 Mbit (128 Kbit x 8) ZEROPOWER SRAM
Rev. 3.4
M48Z35AV-10PC1 STMICROELECTRONICS-M48Z35AV-10PC1 Datasheet
146Kb / 20P
256 Kbit (32 Kbit x 8) ZEROPOWER SRAM
29-May-2002
M48Z12 STMICROELECTRONICS-M48Z12 Datasheet
231Kb / 16P
5V, 16 Kbit (2Kb x 8) ZEROPOWER SRAM
M48Z512BV STMICROELECTRONICS-M48Z512BV Datasheet
195Kb / 20P
3.3 V, 4 Mbit (512 K x 8 bit) ZEROPOWER SRAM
15-Aug-2008
M48T512Y STMICROELECTRONICS-M48T512Y_10 Datasheet
376Kb / 23P
5.0 or 3.3 V, 4 Mbit (512 Kbit x 8) TIMEKEEPER짰 SRAM
21-Jun-2010
M48Z512A STMICROELECTRONICS-M48Z512A_10 Datasheet
341Kb / 21P
4 Mbit (512 Kbit x 8) ZEROPOWER® SRAM
02-Aug-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com