Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5565AVZ80R2 Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # MPC5565AVZ80R2
Description  Microcontroller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5565AVZ80R2 Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button MPC5565AVZ80R2 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5565AVZ80R2 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5565AVZ80R2 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5565AVZ80R2 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5565AVZ80R2 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5565AVZ80R2 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5565AVZ80R2 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC5565AVZ80R2 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5565AVZ80R2 Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
MPC5565 Microcontroller Data Sheet, Rev. 0
Preliminary—Subject to Change Without Notice
Electrical Characteristics
Freescale Semiconductor
26
Figure 4. Reset and Configuration Pin Timing
3.13.2
IEEE 1149.1 Interface Timing
Table 20. JTAG Pin AC Electrical Characteristics1
1 These specifications apply to JTAG boundary scan only. JTAG timing specified at VDD = 1.35V to 1.65V, VDDE = 3.0V to 3.6V,
VDD33 and VDDSYN = 3.0V to 3.6V, TA = TL to TH, and CL = 30pF with DSC = 0b10, SRC = 0b11. See Table 21 for functional
specifications.
Num
Characteristic
Symbol
Min
Max
Unit
1TCK Cycle Time
tJCYC
100
—
ns
2
TCK Clock Pulse Width (Measured at VDDE/2)
tJDC
40
60
ns
3
TCK Rise and Fall Times (40% – 70%)
tTCKRISE
—3
ns
4
TMS, TDI Data Setup Time
tTMSS, tTDIS
5—
ns
5
TMS, TDI Data Hold Time
tTMSH, tTDIH
25
—
ns
6
TCK Low to TDO Data Valid
tTDOV
—20
ns
7
TCK Low to TDO Data Invalid
tTDOI
0—
ns
8
TCK Low to TDO High Impedance
tTDOHZ
—20
ns
9
JCOMP Assertion Time
tJCMPPW
100
—
ns
10
JCOMP Setup Time to TCK Low
tJCMPS
40
—
ns
11
TCK Falling Edge to Output Valid
tBSDV
—50
ns
12
TCK Falling Edge to Output Valid out of High Impedance
tBSDVZ
—50
ns
13
TCK Falling Edge to Output High Impedance
tBSDHZ
—50
ns
14
Boundary Scan Input Valid to TCK Rising Edge
tBSDST
50
—
ns
15
TCK Rising Edge to Boundary Scan Input Invalid
tBSDHT
50
—
ns
1
2
RESET
RSTOUT
WKPCFG
PLLCFG
3
4
BOOTCFG
RSTCFG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com