Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5565AVZ80R2 Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # MPC5565AVZ80R2
Description  Microcontroller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5565AVZ80R2 Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button MPC5565AVZ80R2 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5565AVZ80R2 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5565AVZ80R2 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC5565AVZ80R2 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5565AVZ80R2 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC5565AVZ80R2 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5565AVZ80R2 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5565AVZ80R2 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5565AVZ80R2 Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
MPC5565 Microcontroller Data Sheet, Rev. 0
Preliminary—Subject to Change Without Notice
Electrical Characteristics
Freescale Semiconductor
30
3.13.3
Nexus Timing
Figure 9. Nexus Output Timing
Table 21. Nexus Debug Port Timing1
1 JTAG specifications in this table apply when used for debug functionality. All Nexus timing relative to MCKO is measured from
50% of MCKO and 50% of the respective signal. Nexus timing specified at VDD = 1.35V to 1.65V, VDDE = 2.25V to 3.6V,
VDD33 and VDDSYN = 3.0V to 3.6V, TA = TL to TH, and CL = 30pF with DSC = 0b10.
Num
Characteristic
Symbol
Min
Max
Unit
1
MCKO Cycle Time
tMCYC
12
2 The Nexus AUX port can only run up to 82MHz. The NPC_PCR[MCKO_DIV] must be set to divide by 2 if the system frequency
is above 82MHz
8tCYC
2
MCKO Duty Cycle
tMDC
40
60
%
3
MCKO Low to MDO Data Valid3
3 MDO, MSEO, and EVTO data is held valid until next MCKO low cycle.
tMDOV
–1.5
3.0
ns
4
MCKO Low to MSEO Data Valid3
tMSEOV
–1.5
3.0
ns
5
MCKO Low to EVTO Data Valid3
tEVTOV
–1.5
3.0
ns
6
EVTI Pulse Width
tEVTIPW
4.0
—
tTCYC
7
EVTO Pulse Width
tEVTOPW
1tMCYC
8
TCK Cycle Time
tTCYC
44
4 The maximum frequency must be limited to approximately 16 MHz (VDDE= 2.25 to 3.0 volts) or 22 MHz (VDDE= 3.0 to 3.6
volts) to meet the timing specification for tJOV of 0.2 x tJCYC as outlined in the IEEE-ISTO 5001-2003 specification.
—tCYC
9
TCK Duty Cycle
tTDC
40
60
%
10
TDI, TMS Data Setup Time
tNTDIS, tNTMSS
8—
ns
11
TDI, TMS Data Hold Time
tNTDIH, tNTMSH
5—
ns
12
TCK Low to TDO Data Valid
tJOV
VDDE = 2.25 to 3.0 volts
0
12
ns
VDDE = 3.0 to 3.6 volts
0
9
ns
13
RDY Valid to MCKO5
5 The RDY pin timing is asynchronous to MCKO. The timing is guaranteed by design to function correctly.
——
—
—
1
2
3
4
5
MCKO
MDO
MSEO
EVTO
Output Data Valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com