Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5565AVZ80R2 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # MPC5565AVZ80R2
Description  Microcontroller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5565AVZ80R2 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button MPC5565AVZ80R2 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC5565AVZ80R2 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5565AVZ80R2 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC5565AVZ80R2 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5565AVZ80R2 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5565AVZ80R2 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5565AVZ80R2 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5565AVZ80R2 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5565AVZ80R2 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
MPC5565 Microcontroller Data Sheet, Rev. 0
Preliminary—Subject to Change Without Notice
Electrical Characteristics
Freescale Semiconductor
32
3.13.4
External Bus Interface (EBI) Timing
Table 22. Bus Operation Timing1
#
Characteristic/Description Symbol
40 MHz
(ext. bus)2
56 MHz
(ext. bus)2
66 MHz
(ext. bus)2
Unit
Notes
Min
Max
Min
Max
Min
Max
1CLKOUT Period
TC
25.0
—
17.9
—
15.2
—
ns
Signals are
measured at 50%
VDDE.
2
CLKOUT duty cycle
tCDC
45%
55%
45%
55%
45%
55%
TC
3
CLKOUT rise time
tCRT
——3
——3
——3
ns
4
CLKOUT fall time
tCFT
——3
——3
——3
ns
5
CLKOUT Positive Edge to
Output Signal Invalid or High
Z (Hold Time)
ADDR[8:31]
BDIP
BG4
BR5
CS[0:3]
DATA[0:31]
OE
RD_WR
TA
TEA
TS
TSIZ[0:1]
WE[0:3]/BE[0:3]
tCOH
1.06/
1.5
—1.06/
1.5
—1.06/
1.5
—ns
Hold time
selectable via
SIU_ECCR[EBTS]
bit:
EBTS=0/EBTS=1
6
CLKOUT Posedge to Output
Signal Valid (Output Delay)
ADDR[8:31]
BDIP
BG4
BR5
CS[0:3]
DATA[0:31]
OE
RD_WR
TA
TEA
TS
TSIZ[0:1]
WE[0:3]/BE[0:3]
tCOV
—10.06/
11.0
—7.56/
8.5
—6.06/
7.0
ns
Output valid time
selectable via
SIU_ECCR[EBTS]
bit:
EBTS=0/EBTS=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com