Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58LR128HT85ZB5E Datasheet(PDF) 110 Page - STMicroelectronics

Part # M58LR128HT85ZB5E
Description  128 Mbit (8 Mb ×16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply Flash memories
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128HT85ZB5E Datasheet(HTML) 110 Page - STMicroelectronics

Back Button M58LR128HT85ZB5E Datasheet HTML 104Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 105Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 106Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 107Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 108Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 109Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 110Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 111Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 112Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 110 / 112 page
background image
Command interface state tables
M58LR128HT, M58LR128HB
110/112
OTP Busy
Status Register
Output Unchanged
Array
Output Unchanged
Ready
Program Busy
Erase Busy
Buffer Program Busy
Program/Erase Suspend
Buffer Program Suspend
Program Busy in Erase
Suspend
Buffer Program Busy in
Erase Suspend
Program Suspend in Erase
Suspend
Buffer Program Suspend in
Erase Suspend
Blank Check busy
Illegal State
Output Unchanged
1.
The output state shows the type of data that appears at the outputs if the bank address is the same as the command
address. A bank can be placed in Read Array, Read Status Register, Read Electronic Signature or Read CFI mode,
depending on the command issued. Each bank remains in its last output state until a new command is issued to that bank.
The next state does not depend on the bank's output state.
2.
CI = Command Interface, CR = Configuration Register, BEFP = Buffer Enhanced Factory Program, P/E. C. =
Program/Erase Controller.
3.
If the P/E.C. is active, both cycles are ignored.
4.
BEFP Exit when Block Address is different from first Block Address and data are FFFFh.
5.
Illegal commands are those not defined in the command set.
Table 45.
Command interface states - lock table, next output state (continued)(1) (2)
Current CI State
Command Input
Lock/CR
Setup(3)(
60h)
Blank
Check
setup
(BCh)
OTP
Setup(3)
(C0h)
Blank
Check
confirm
(CBh)
Block Lock
Confirm
(01h)
Block Lock-
Down
Confirm (2Fh)
Set CR
Confirm
(03h)
BEFP
Exit(4)
(FFFFh)
Illegal
Command
(5)
P. E./C.
Operation
Completed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com