Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58LR128HT85ZB5E Datasheet(PDF) 111 Page - STMicroelectronics

Part # M58LR128HT85ZB5E
Description  128 Mbit (8 Mb ×16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply Flash memories
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128HT85ZB5E Datasheet(HTML) 111 Page - STMicroelectronics

Back Button M58LR128HT85ZB5E Datasheet HTML 104Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 105Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 106Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 107Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 108Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 109Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 110Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 111Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 112Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 111 / 112 page
background image
M58LR128HT, M58LR128HB
Revision history
111/112
Revision history
Table 46.
Document revision history
Date
Revision
Changes
17-Feb-2006
0.1
Initial release.
30-Jun-2006
0.2
Document status promoted from Target Specification to Preliminary
data. Small text changes.
By default CR10 = 1 and CR8 = 1 (see Table 11: Configuration
Register). Table 12: Burst type definition modified.
Figure 5: X-Latency and data output configuration example modified.
Section 7.1: Asynchronous Read mode and Section 7.3: Single
Synchronous Read mode modified.
In Table 17: Program/Erase times and endurance cycles:
– Main Block Program at VPP = VDD modified
– Buffer, Main Block and Bank Program modified, and Blank Check
timings added at VPP = VPPH
tVDHPH changed in Table 27: Reset and Power-up AC characteristics.
tWHLL and Note 3 modified in Table 25: Write AC characteristics,
Write Enable controlled.
26-Feb-2007
1
Document status promoted from Preliminary data to full Datasheet.
Address lines corrected in Figure 3: Memory map. Set Configuration
Register is not accepted during Program Suspend but it is accepted
during Erase Suspend (see Figure 24: Erase Suspend & Resume
flowchart and pseudocode).
Figure 10: Asynchronous Page Read AC waveforms modified.
Appendix D: Command interface state tables modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com