Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58LR128HB85ZB5F Datasheet(PDF) 68 Page - STMicroelectronics

Part # M58LR128HB85ZB5F
Description  128 Mbit (8 Mb ×16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply Flash memories
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128HB85ZB5F Datasheet(HTML) 68 Page - STMicroelectronics

Back Button M58LR128HB85ZB5F Datasheet HTML 64Page - STMicroelectronics M58LR128HB85ZB5F Datasheet HTML 65Page - STMicroelectronics M58LR128HB85ZB5F Datasheet HTML 66Page - STMicroelectronics M58LR128HB85ZB5F Datasheet HTML 67Page - STMicroelectronics M58LR128HB85ZB5F Datasheet HTML 68Page - STMicroelectronics M58LR128HB85ZB5F Datasheet HTML 69Page - STMicroelectronics M58LR128HB85ZB5F Datasheet HTML 70Page - STMicroelectronics M58LR128HB85ZB5F Datasheet HTML 71Page - STMicroelectronics M58LR128HB85ZB5F Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 112 page
background image
DC and AC parameters
M58LR128HT, M58LR128HB
68/112
Table 25.
Write AC characteristics, Write Enable controlled(1)
1.
Sampled only, not 100% tested.
Symbol
Alt
Parameter
M58LR128HT/B
Unit
85
tAVAV
tWC
Address Valid to Next Address Valid
Min
85
ns
tAVLH
Address Valid to Latch Enable High
Min
7
ns
tAVWH
(2)
Address Valid to Write Enable High
Min
45
ns
tDVWH
tDS
Data Valid to Write Enable High
Min
45
ns
tELLH
Chip Enable Low to Latch Enable High
Min
10
ns
tELWL
tCS
Chip Enable Low to Write Enable Low
Min
0
ns
tELQV
Chip Enable Low to Output Valid
Min
85
ns
tELKV
Chip Enable Low to Clock Valid
Min
7
ns
tGHWL
Output Enable High to Write Enable Low
Min
17
ns
tLHAX
Latch Enable High to Address Transition
Min
7
ns
tLLLH
Latch Enable Pulse Width
Min
7
ns
tWHAV
(2)
2.
Meaningful only if L is always kept low.
Write Enable High to Address Valid
Min
0
ns
tWHAX
(2)
tAH
Write Enable High to Address Transition
Min
0
ns
tWHDX
tDH
Write Enable High to Input Transition
Min
0
ns
tWHEH
tCH
Write Enable High to Chip Enable High
Min
0
ns
tWHEL
(3)
3.
tWHEL and tWHLLhave this value when reading in the targeted bank or when reading following a Set
Configuration Register command. System designers should take this into account and may insert a
software No-Op instruction to delay the first read in the same bank after issuing any command and to delay
the first read to any address after issuing a Set Configuration Register command. If the first read after the
command is a Read Array operation in a different bank and no changes to the Configuration Register have
been issued, tWHEL and tWHLL is 20ns.
Write Enable High to Chip Enable Low
Min
20
ns
tWHGL
Write Enable High to Output Enable Low
Min
0
ns
tWHLL
(3)
Write Enable High to Latch Enable Low
Min
20
ns
tWHWL
tWPH Write Enable High to Write Enable Low
Min
20
ns
tWLWH
tWP
Write Enable Low to Write Enable High
Min
45
ns
tQVVPL
Output (Status Register) Valid to VPP Low
Min
0
ns
tQVWPL
Output (Status Register) Valid to Write Protect Low
Min
0
ns
tVPHWH
tVPS VPP High to Write Enable High
Min
200
ns
tWHVPL
Write Enable High to VPP Low
Min
200
ns
tWHWPL
Write Enable High to Write Protect Low
Min
200
ns
tWPHWH
Write Protect High to Write Enable High
Min
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com