Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58LR128HB85ZB5F Datasheet(PDF) 19 Page - STMicroelectronics

Part # M58LR128HB85ZB5F
Description  128 Mbit (8 Mb ×16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply Flash memories
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128HB85ZB5F Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M58LR128HB85ZB5F Datasheet HTML 15Page - STMicroelectronics M58LR128HB85ZB5F Datasheet HTML 16Page - STMicroelectronics M58LR128HB85ZB5F Datasheet HTML 17Page - STMicroelectronics M58LR128HB85ZB5F Datasheet HTML 18Page - STMicroelectronics M58LR128HB85ZB5F Datasheet HTML 19Page - STMicroelectronics M58LR128HB85ZB5F Datasheet HTML 20Page - STMicroelectronics M58LR128HB85ZB5F Datasheet HTML 21Page - STMicroelectronics M58LR128HB85ZB5F Datasheet HTML 22Page - STMicroelectronics M58LR128HB85ZB5F Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 112 page
background image
M58LR128HT, M58LR128HB
Command interface
19/112
4.3
Read Electronic Signature command
The Read Electronic Signature command is used to read the Manufacturer and Device
Codes, the Lock Status of the addressed bank, the Protection Register, and the
Configuration Register.
One Bus Write cycle is required to issue the Read Electronic Signature command. Once a
bank is in Read Electronic Signature mode, subsequent read operations in the same bank
will output the Manufacturer Code, the Device Code, the Lock Status of the addressed bank,
the Protection Register, or the Configuration Register (see Table 8).
The Read Electronic Signature command can be issued at any time, even during program or
erase operations, except during Protection Register Program operations. Dual operations
between the Parameter bank and the Electronic Signature location are not allowed (see
Table 15: Dual operation limitations for details).
If a Read Electronic Signature command is issued to a bank that is executing a program or
erase operation the bank will go into Read Electronic Signature mode. Subsequent Bus
Read cycles will output the Electronic Signature data and the Program/Erase controller will
continue to program or erase in the background.
The Read Electronic Signature command will only change the read mode of the addressed
bank. The read modes of other banks are not affected. Only Asynchronous Read and Single
Synchronous Read operations should be used to read the Electronic Signature. A Read
Array command is required to return the bank to Read Array mode.
4.4
Read CFI Query command
The Read CFI Query command is used to read data from the Common Flash Interface
(CFI).
One Bus Write cycle is required to issue the Read CFI Query command. Once a bank is in
Read CFI Query mode, subsequent Bus Read operations in the same bank read from the
Common Flash Interface.
The Read CFI Query command can be issued at any time, even during program or erase
operations.
If a Read CFI Query command is issued to a bank that is executing a program or erase
operation the bank will go into Read CFI Query mode. Subsequent Bus Read cycles will
output the CFI data and the Program/Erase controller will continue to program or erase in
the background.
The Read CFI Query command will only change the read mode of the addressed bank. The
read modes of other banks are not affected. Only Asynchronous Read and Single
Synchronous Read operations should be used to read from the CFI. A Read Array
command is required to return the bank to Read Array mode. Dual operations between the
Parameter Bank and the CFI memory space are not allowed (see Table 15: Dual operation
limitations for details).
See Appendix B: Common Flash Interface, Tables 32, 33, 34, 35, 36, 37, 38, 39, 40 and 41
for details on the information contained in the Common Flash Interface memory area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com