Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58LR128HB85ZB5F Datasheet(PDF) 22 Page - STMicroelectronics

Part # M58LR128HB85ZB5F
Description  128 Mbit (8 Mb ×16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply Flash memories
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128HB85ZB5F Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M58LR128HB85ZB5F Datasheet HTML 18Page - STMicroelectronics M58LR128HB85ZB5F Datasheet HTML 19Page - STMicroelectronics M58LR128HB85ZB5F Datasheet HTML 20Page - STMicroelectronics M58LR128HB85ZB5F Datasheet HTML 21Page - STMicroelectronics M58LR128HB85ZB5F Datasheet HTML 22Page - STMicroelectronics M58LR128HB85ZB5F Datasheet HTML 23Page - STMicroelectronics M58LR128HB85ZB5F Datasheet HTML 24Page - STMicroelectronics M58LR128HB85ZB5F Datasheet HTML 25Page - STMicroelectronics M58LR128HB85ZB5F Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 112 page
background image
Command interface
M58LR128HT, M58LR128HB
22/112
4.8
Program command
The program command is used to program a single Word to the memory array.
If the block being programmed is protected, then the Program operation will abort, the data
in the block will not be changed and the Status Register will output the error.
Two Bus Write cycles are required to issue the Program Command.
●
The first bus cycle sets up the Program command.
●
The second latches the address and data to be programmed and starts the
Program/Erase Controller.
Once the programming has started, read operations in the bank being programmed output
the Status Register content.
During a Program operation, the bank containing the Word being programmed will only
accept the Read Array, Read Status Register, Read Electronic Signature, Read CFI Query
and the Program/Erase Suspend command, all other commands will be ignored. A Read
Array command is required to return the bank to Read Array mode.
Refer to Dual Operations section for detailed information about simultaneous operations
allowed in banks not being programmed.
Typical Program times are given in Table 17: Program/Erase times and endurance cycles.
The Program operation aborts if Reset, RP, goes to VIL. As data integrity cannot be
guaranteed when the Program operation is aborted, the Word must be reprogrammed.
See Appendix C, Figure 19: Program flowchart and pseudocode, for the flowchart for using
the Program command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com