Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM339LVDYYR Datasheet(PDF) 23 Page - Texas Instruments

Part # LM339LVDYYR
Description  TL331LV, TL391LV, LM393LV and LM339LV Low Voltage Rail to Rail Input Comparators
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM339LVDYYR Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM339LVDYYR Datasheet HTML 19Page - Texas Instruments LM339LVDYYR Datasheet HTML 20Page - Texas Instruments LM339LVDYYR Datasheet HTML 21Page - Texas Instruments LM339LVDYYR Datasheet HTML 22Page - Texas Instruments LM339LVDYYR Datasheet HTML 23Page - Texas Instruments LM339LVDYYR Datasheet HTML 24Page - Texas Instruments LM339LVDYYR Datasheet HTML 25Page - Texas Instruments LM339LVDYYR Datasheet HTML 26Page - Texas Instruments LM339LVDYYR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 63 page
background image
8.1.1.3 Overdrive Voltage
The overdrive voltage, VOD, is the amount of input voltage beyond the reference voltage (and not the total input
peak-to-peak voltage). The overdrive voltage is 100mV as shown in the Figure 8-1 example. The overdrive
voltage can influence the propagation delay (tp). The smaller the overdrive voltage, the longer the propagation
delay, particularly when <100mV. If the fastest speeds are desired, it is recommended to apply the highest
amount of overdrive possible.
The risetime (tr) and falltime (tf) is the time from the 20% and 80% points of the output waveform.
8.1.2 Hysteresis
The basic comparator configuration may oscillate or produce a noisy "chatter" output if the applied differential
input voltage is near the comparator's offset voltage. This usually occurs when the input signal is moving very
slowly across the switching threshold of the comparator.
This problem can be prevented by the addition of hysteresis or positive feedback.
The hysteresis transfer curve is shown in Figure 8-2. This curve is a function of three components: VTH, VOS,
and VHYST:
• VTH is the actual set voltage or threshold trip voltage.
• VOS is the internal offset voltage between VIN+ and VIN–. This voltage is added to VTH to form the actual trip
point at which the comparator must respond to change output states.
• VHYST is the hysteresis (or trip window) that is designed to reduce comparator sensitivity to noise.
VTH + VOS ± (VHYST / 2)
VTH + VOS + (VHYST / 2)
VTH + VOS
Figure 8-2. Hysteresis Transfer Curve
For more information, please see Application Note SBOA219 "Comparator with and without hysteresis circuit".
8.1.2.1 Inverting Comparator With Hysteresis
The inverting comparator with hysteresis requires a three-resistor network that is referenced to the comparator
supply voltage (VCC), as shown in Figure 8-3.
R1
1 0Ÿ
+VCC
+5 V
VIN
R3
1 0Ÿ
+
±
R2
1 0Ÿ
VO
VA
RPU
10 NŸ
5 V
0 V
VA2
VA1
VO
1.67 V
3.33 V
VIN
Figure 8-3. Inverting Configuration With Hysteresis
The equivalent resistor networks when the output is high and low are shown in Figure 8-3. Note that RPU should
be considered in series with R3 when the output is high. RPU should be at least 10x less than R3.
www.ti.com
TL331LV, TL391LV, LM393LV, LM339LV
SNOSDA4C – JUNE 2020 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TL331LV TL391LV LM393LV LM339LV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com