Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM339LVDYYR Datasheet(PDF) 27 Page - Texas Instruments

Part # LM339LVDYYR
Description  TL331LV, TL391LV, LM393LV and LM339LV Low Voltage Rail to Rail Input Comparators
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM339LVDYYR Datasheet(HTML) 27 Page - Texas Instruments

Back Button LM339LVDYYR Datasheet HTML 23Page - Texas Instruments LM339LVDYYR Datasheet HTML 24Page - Texas Instruments LM339LVDYYR Datasheet HTML 25Page - Texas Instruments LM339LVDYYR Datasheet HTML 26Page - Texas Instruments LM339LVDYYR Datasheet HTML 27Page - Texas Instruments LM339LVDYYR Datasheet HTML 28Page - Texas Instruments LM339LVDYYR Datasheet HTML 29Page - Texas Instruments LM339LVDYYR Datasheet HTML 30Page - Texas Instruments LM339LVDYYR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 63 page
background image
8.2.2.1 Design Requirements
The square-wave period is determined by the RC time constant of the capacitor C1 and resistor R4. The
maximum frequency is limited by propagation delay of the device and the capacitance load at the output. The
low input bias current allows a lower capacitor value and larger resistor value combination for a given oscillator
frequency, which may help to reduce BOM cost and board space. R4 should be over several kilo-ohms to
minimize loading the output.
8.2.2.2 Detailed Design Procedure
The oscillation frequency is determined by the resistor and capacitor values. The following calculation provides
details of the steps.
Figure 8-10. Square-Wave Oscillator Timing Thresholds
First consider the output of Figure Figure 8-9 as high, which indicates the inverted input VC is lower than the
noninverting input (VA). This causes the C1 to be charged through R4, and the voltage VC increases until it is
equal to the noninverting input. The value of VA at the point is calculated by Equation 7.
CC
2
A1
2
1
3
V
R
V
R
R I IR
u
(7)
if R1 = R2= R3, then VA1 = 2 VCC/ 3
At this time the comparator output trips pulling down the output to the negative rail. The value of VAat this point is
calculated by Equation 8.
CC
2
3
A 2
1
2
3
V
(R IIR )
V
R + R IIR
(8)
if R1 = R2 = R3, then VA2 = VCC/3
The C1 now discharges though the R4, and the voltage VCC decreases until it reaches VA2. At this point, the
output switches back to the starting state. The oscillation period equals to the time duration from for C1 from
2VCC/3 to VCC / 3 then back to 2VCC/3, which is given by R4C1 × ln 2 for each trip. Therefore, the total time
duration is calculated as 2 R4C1 × ln 2.
The oscillation frequency can be obtained by Equation 9:
f
1 / 2 R 4
C1 I n2
u
u
(9)
8.2.2.3 Application Curve
Figure 8-11 shows the simulated results of an oscillator using the following component values:
• R1 = R2 = R3 = R4 = 100 kΩ
• C1 = 100 pF, CL = 20 pF
• V+ = 5 V, V– = GND
www.ti.com
TL331LV, TL391LV, LM393LV, LM339LV
SNOSDA4C – JUNE 2020 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: TL331LV TL391LV LM393LV LM339LV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com