Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM339LVDYYR Datasheet(PDF) 28 Page - Texas Instruments

Part # LM339LVDYYR
Description  TL331LV, TL391LV, LM393LV and LM339LV Low Voltage Rail to Rail Input Comparators
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM339LVDYYR Datasheet(HTML) 28 Page - Texas Instruments

Back Button LM339LVDYYR Datasheet HTML 24Page - Texas Instruments LM339LVDYYR Datasheet HTML 25Page - Texas Instruments LM339LVDYYR Datasheet HTML 26Page - Texas Instruments LM339LVDYYR Datasheet HTML 27Page - Texas Instruments LM339LVDYYR Datasheet HTML 28Page - Texas Instruments LM339LVDYYR Datasheet HTML 29Page - Texas Instruments LM339LVDYYR Datasheet HTML 30Page - Texas Instruments LM339LVDYYR Datasheet HTML 31Page - Texas Instruments LM339LVDYYR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 63 page
background image
• Cstray (not shown) from VA TO GND = 10 pF
Figure 8-11. Square-Wave Oscillator Output Waveform
8.2.3 Adjustable Pulse Width Generator
Figure 8-12 is a variation on the square wave oscillator that allows adjusting the pulse widths.
R4 and R5 provide separate charge and discharge paths for the capacitor C depending on the output state.
R5
100 kŸ
C1
100 pF
+
±
R1
100 kŸ
VCC
R2
100 kŸ
OUT
VA
VC
R4
1 MŸ
D1
D2
t1
t2
0
V
+
R3
100 kŸ
Figure 8-12. Adjustable Pulse Width Generator
The charge path is set through R5 and D2 when the output is high. Similarly, the discharge path for the capacitor
is set by R4 and D1 when the output is low.
The pulse width t1 is determined by the RC time constant of R5 and C. Thus, the time t2 between the pulses
can be changed by varying R4, and the pulse width can be altered by R5. The frequency of the output can be
changed by varying both R4 and R5. At low voltages, the effects of the diode forward drop (0.8 V, or 0.15 V for
Shottky) must be taken into account by altering output high and low voltages in the calculations. RPU should be
at least 10x less than the smallest value of R4 or R5.
8.2.4 Time Delay Generator
The circuit shown in Figure 8-13 provides output signals at a prescribed time interval from a time reference and
automatically resets the output low when the input returns to 0V. This is useful for sequencing a "power on"
signal to trigger a controlled start-up of power supplies.
TL331LV, TL391LV, LM393LV, LM339LV
SNOSDA4C – JUNE 2020 – REVISED MARCH 2023
www.ti.com
28
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TL331LV TL391LV LM393LV LM339LV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com