Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT80C51RA2-3CSCL Datasheet(PDF) 17 Page - International Rectifier

Part # AT80C51RA2-3CSCL
Description  High Performance 8-bit Microcontroller
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AT80C51RA2-3CSCL Datasheet(HTML) 17 Page - International Rectifier

Back Button AT80C51RA2-3CSCL Datasheet HTML 13Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 14Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 15Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 16Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 17Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 18Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 19Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 20Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 21Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 85 page
background image
17
4188E–8051–08/06
AT/TS8xC51Rx2
6.1
Expanded RAM (XRAM)
The TS80C51Rx2 provide additional Bytes of ramdom access memory (RAM) space for
increased data parameter handling and high level language usage.
RA2, RB2 and RC2 devices have 256 bytes of expanded RAM, from 00H to FFH in external
data space; RD2 devices have 768 bytes of expanded RAM, from 00H to 2FFH in external data
space.
The TS80C51Rx2 has internal data memory that is mapped into four separate segments.
The four segments are:
• 1. The Lower 128 bytes of RAM (addresses 00H to 7FH) are directly and indirectly
addressable.
• 2. The Upper 128 bytes of RAM (addresses 80H to FFH) are indirectly addressable only.
• 3. The Special Function Registers, SFRs, (addresses 80H to FFH) are directly addressable
only.
• 4. The expanded RAM bytes are indirectly accessed by MOVX instructions, and with the
EXTRAM bit cleared in the AUXR register. (See Table 6-1.)
The Lower 128 bytes can be accessed by either direct or indirect addressing. The Upper 128
bytes can be accessed by indirect addressing only. The Upper 128 bytes occupy the same
address space as the SFR. That means they have the same address, but are physically sepa-
rate from SFR space.
When an instruction accesses an internal location above address 7FH, the CPU knows whether
the access is to the upper 128 bytes of data RAM or to SFR space by the addressing mode used
in the instruction.
• Instructions that use direct addressing access SFR space. For example: MOV 0A0H, #
data, accesses the SFR at location 0A0H (which is P2).
• Instructions that use indirect addressing access the Upper 128 bytes of data RAM. For
example: MOV @R0, # data where R0 contains 0A0H, accesses the data byte at address
0A0H, rather than P2 (whose address is 0A0H).
• The 256 or 768 XRAM bytes can be accessed by indirect addressing, with EXTRAM bit
cleared and MOVX instructions. This part of memory which is physically located on-chip,
logically occupies the first 256 or 768 bytes of external data memory.
• With EXTRAM = 0, the XRAM is indirectly addressed, using the MOVX instruction in
combination with any of the registers R0, R1 of the selected bank or DPTR. An access to
XRAM will not affect ports P0, P2, P3.6 (WR) and P3.7 (RD). For example, with EXTRAM
= 0, MOVX @R0, # data where R0 contains 0A0H, accesses the XRAM at address 0A0H
rather than external memory. An access to external data memory locations higher than FFH
(i.e. 0100H to FFFFH) (higher than 2FFH (i.e. 0300H to FFFFH for RD devices) will be
performed with the MOVX DPTR instructions in the same way as in the standard 80C51, so
with P0 and P2 as data/address busses, and P3.6 and P3.7 as write and read timing signals.
Refer to Figure 6-1. For RD devices, accesses to expanded RAM from 100H to 2FFH can
only be done thanks to the use of DPTR.
• With EXTRAM = 1, MOVX @Ri and MOVX @DPTR will be similar to the standard 80C51.
MOVX @ Ri will provide an eight-bit address multiplexed with data on Port0 and any output
port pins can be used to output higher order address bits. This is to provide the external
paging capability. MOVX @DPTR will generate a sixteen-bit address. Port2 outputs the high-
order eight address bits (the contents of DPH) while Port0 multiplexes the low-order eight



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com