Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT80C51RA2-3CSCL Datasheet(PDF) 78 Page - International Rectifier

Part # AT80C51RA2-3CSCL
Description  High Performance 8-bit Microcontroller
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AT80C51RA2-3CSCL Datasheet(HTML) 78 Page - International Rectifier

Back Button AT80C51RA2-3CSCL Datasheet HTML 74Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 75Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 76Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 77Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 78Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 79Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 80Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 81Page - International Rectifier AT80C51RA2-3CSCL Datasheet HTML 82Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 85 page
background image
78
4188E–8051–08/06
AT/TS8xC51Rx2
TS83C51RC2-MIB
ROM 32k Bytes
5V
Industrial
40 MHz (20 MHz X2)
PLCC44
Stick
TS83C51RC2-MIE
ROM 32k Bytes
5V
Industrial
40 MHz (20 MHz X2)
VQFP44
Tray
TS83C51RC2-LCA
ROM 32k Bytes
3-5V
Commercial
30 MHz (20 MHz X2)
PDIL40
Stick
TS83C51RC2-LCB
ROM 32k Bytes
3-5V
Commercial
30 MHz (20 MHz X2)
PLCC44
Stick
TS83C51RC2-LCE
ROM 32k Bytes
3-5V
Commercial
30 MHz (20 MHz X2)
VQFP44
Tray
TS83C51RC2-LIA
ROM 32k Bytes
3-5V
Industrial
30 MHz (20 MHz X2)
PDIL40
Stick
TS83C51RC2-LIB
ROM 32k Bytes
3-5V
Industrial
30 MHz (20 MHz X2)
PLCC44
Stick
TS83C51RC2-LIE
ROM 32k Bytes
3-5V
Industrial
30 MHz (20 MHz X2)
VQFP44
Tray
TS83C51RC2-VCA
ROM 32k Bytes
5V
Commercial
40 MHz (30 MHz X2)
PDIL40
Stick
TS83C51RC2-VCB
ROM 32k Bytes
5V
Commercial
40 MHz (30 MHz X2)
PLCC44
Stick
TS83C51RC2-VCE
ROM 32k Bytes
5V
Commercial
40 MHz (30 MHz X2)
VQFP44
Tray
TS83C51RC2-VIA
ROM 32k Bytes
5V
Industrial
40 MHz (30 MHz X2)
PDIL40
Stick
TS83C51RC2-VIB
ROM 32k Bytes
5V
Industrial
40 MHz (30 MHz X2)
PLCC44
Stick
TS83C51RC2-VIE
ROM 32k Bytes
5V
Industrial
40 MHz (30 MHz X2)
VQFP44
Tray
AT83C51RC2-3CSUM
ROM 32k Bytes
5V
Industrial & Green
40 MHz (20 MHz X2)
PDIL40
Stick
AT83C51RC2-SLSUM
ROM 32k Bytes
5V
Industrial & Green
40 MHz (20 MHz X2)
PLCC44
Stick
AT83C51RC2-RLTUM
ROM 32k Bytes
5V
Industrial & Green
40 MHz (20 MHz X2)
VQFP44
Tray
AT83C51RC2-3CSUL
ROM 32k Bytes
3-5V
Industrial & Green
30 MHz (20 MHz X2)
PDIL40
Stick
AT83C51RC2-SLSUL
ROM 32k Bytes
3-5V
Industrial & Green
30 MHz (20 MHz X2)
PLCC44
Stick
AT83C51RC2-RLTUL
ROM 32k Bytes
3-5V
Industrial & Green
30 MHz (20 MHz X2)
VQFP44
Tray
TS83C51RD2-MCA
ROM 64k Bytes
5V
Commercial
40 MHz (20 MHz X2)
PDIL40
Stick
TS83C51RD2-MCB
ROM 64k Bytes
5V
Commercial
40 MHz (20 MHz X2)
PLCC44
Stick
TS83C51RD2-MCE
ROM 64k Bytes
5V
Commercial
40 MHz (20 MHz X2)
VQFP44
Tray
TS83C51RD2-MIA
ROM 64k Bytes
5V
Industrial
40 MHz (20 MHz X2)
PDIL40
Stick
TS83C51RD2-MIB
ROM 64k Bytes
5V
Industrial
40 MHz (20 MHz X2)
PLCC44
Stick
TS83C51RD2-MIE
ROM 64k Bytes
5V
Industrial
40 MHz (20 MHz X2)
VQFP44
Tray
TS83C51RD2-LCB
ROM 64k Bytes
3-5V
Commercial
30 MHz (20 MHz X2)
PLCC44
Stick
TS83C51RD2-LCE
ROM 64k Bytes
3-5V
Commercial
30 MHz (20 MHz X2)
VQFP44
Tray
TS83C51RD2-LIA
ROM 64k Bytes
3-5V
Industrial
30 MHz (20 MHz X2)
PDIL40
Stick
TS83C51RD2-LIB
ROM 64k Bytes
3-5V
Industrial
30 MHz (20 MHz X2)
PLCC44
Stick
TS83C51RD2-LIE
ROM 64k Bytes
3-5V
Industrial
30 MHz (20 MHz X2)
VQFP44
Tray
TS83C51RD2-VCA
ROM 64k Bytes
5V
Commercial
40 MHz (30 MHz X2)
PDIL40
Stick
TS83C51RD2-VCB
ROM 64k Bytes
5V
Commercial
40 MHz (30 MHz X2)
PLCC44
Stick
Part Number
Memory size
Supply Voltage
Temperature Range
Max Frequency
Package
Packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com